Electronic Components Datasheet Search
  English  ▼

X  

ML5800DM Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML5800DM
Description  5.8GHz Low-IF 1.5Mbps FSK Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML5800DM Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML5800DM Datasheet HTML 1Page - Micro Linear Corporation ML5800DM Datasheet HTML 2Page - Micro Linear Corporation ML5800DM Datasheet HTML 3Page - Micro Linear Corporation ML5800DM Datasheet HTML 4Page - Micro Linear Corporation ML5800DM Datasheet HTML 5Page - Micro Linear Corporation ML5800DM Datasheet HTML 6Page - Micro Linear Corporation ML5800DM Datasheet HTML 7Page - Micro Linear Corporation ML5800DM Datasheet HTML 8Page - Micro Linear Corporation ML5800DM Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ML5800
DS5800-F-02
FINAL DATASHEET
MARCH 2004
2
TABLE OF CONTENTS
GENERAL DESCRIPTION............................................................................................................................................1
PIN CONFIGURATION .................................................................................................................................................1
ORDERING INFORMATION .........................................................................................................................................1
FEATURES....................................................................................................................................................................1
APPLICATIONS.............................................................................................................................................................1
BLOCK DIAGRAM ........................................................................................................................................................1
TABLE OF CONTENTS ................................................................................................................................................2
ELECTRICAL CHARACTERISTICS .............................................................................................................................3
PIN DESCRIPTIONS ....................................................................................................................................................5
MODES OF OPERATION ...........................................................................................................................................12
CONTROL INTERFACES ...........................................................................................................................................14
TRANSMIT & RECEIVE DATA INTERFACES ............................................................................................................17
REGISTER DESCRIPTIONS ......................................................................................................................................18
PHYSICAL DIMENSIONS ...........................................................................................................................................23
WARRANTY ................................................................................................................................................................24
SIMPLIFIED APPLICATIONS DIAGRAM
BASEBAND
IC
RXI
TPC
DOUT
DIN
RSSI
FREF
CLK,
DATA,
EN
XCEN,
RXON
2
VCCA
VTUNE
QPO
PA – ML 5803
TXO
3
T/R
SWITCH
ANTENNA
AOUT
ML5800
3 PAON
RXI
17
TXO
14 VCCVCO
21
BATTERY
AND
PROTECTION
CIRCUITS
EN
DATA
CLK
RSSI
9
FREF
7
AOUT_TPC
32
DOUT
28
5
4
6
30
DIN
1
XCEN
2
RXON
15
VTUNE
11
QPO
24
VCCA
PAON
VDD
31
VDD
Figure 1: Simplified ML5800 Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com