Electronic Components Datasheet Search
  English  ▼

X  

ML5800DM Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML5800DM
Description  5.8GHz Low-IF 1.5Mbps FSK Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML5800DM Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML5800DM Datasheet HTML 4Page - Micro Linear Corporation ML5800DM Datasheet HTML 5Page - Micro Linear Corporation ML5800DM Datasheet HTML 6Page - Micro Linear Corporation ML5800DM Datasheet HTML 7Page - Micro Linear Corporation ML5800DM Datasheet HTML 8Page - Micro Linear Corporation ML5800DM Datasheet HTML 9Page - Micro Linear Corporation ML5800DM Datasheet HTML 10Page - Micro Linear Corporation ML5800DM Datasheet HTML 11Page - Micro Linear Corporation ML5800DM Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ML5800
DS5800-F-02
FINAL DATASHEET
MARCH 2004
8
PIN
SIGNAL
NAME
I/O
FUNCTION
DIAGRAM
DATA
7
AOUT_TPC
O (analog)
Multi-function Output. In Analog output mode
this output drives an off chip data slicer. In
Transmit power control mode this is an open
drain output, which is pulled low when the
TPC bit (R0:B7) is set to 0. Transitions on
TPC are synchronized to the falling edge of
RXON (Rx to Tx transition).
31
VSS
VDD
100
Ω
7
AOUT
8
TPQ
MUX
VSS
8
TPC
MUX
TPC
AOUT
MUX
30
DIN
I (CMOS)
Transmit Data Input. Drives the transmit pulse
shaping circuits. Serial digital data on this pin
becomes FSK modulation on the Transmit RF
output. The logic timing on this pin controls
data timing. Internal circuits determine the
modulation deviation. This is a standard
CMOS input referenced to VDD and VSS.
See Pin 1 below.
32
DOUT
O (CMOS)
Serial digital output after demodulation, chip
rate filtering and center data slicing. A CMOS
level output (VSS to VDD) with controlled slew
rates. A low drive output designed to drive a
short PCB trace and a CMOS logic input while
generating minimal RFI. The internal data
slicer is limited to 0 or 1 run lengths of less
than 3uS.
31
VSS
VDD
250
Ω
32 DOUT
8
MODE CONTROL AND INTERFACE LINES
1
XCEN
I (CMOS)
Transceiver enable input. Enables the
bandgap reference and voltage regulators
when high. Consumes only leakage current in
STANDBY mode when low. This is a CMOS
input, and the thresholds are referenced to
VDD and VSS.
2
RXON
I (CMOS)
TX/RX Control Input. Switches the transceiver
between TRANSMIT and RECEIVE modes.
Circuits are powered up and signal paths
reconfigured according to the operating mode.
This is a CMOS input, and the thresholds are
referenced to VDD and VSS.
1
VSS
XCEN
VDD
RXON
DIN
2
30
31
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com