Electronic Components Datasheet Search
  English  ▼

X  

ML5800DM Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML5800DM
Description  5.8GHz Low-IF 1.5Mbps FSK Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML5800DM Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML5800DM Datasheet HTML 1Page - Micro Linear Corporation ML5800DM Datasheet HTML 2Page - Micro Linear Corporation ML5800DM Datasheet HTML 3Page - Micro Linear Corporation ML5800DM Datasheet HTML 4Page - Micro Linear Corporation ML5800DM Datasheet HTML 5Page - Micro Linear Corporation ML5800DM Datasheet HTML 6Page - Micro Linear Corporation ML5800DM Datasheet HTML 7Page - Micro Linear Corporation ML5800DM Datasheet HTML 8Page - Micro Linear Corporation ML5800DM Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ML5800
DS5800-F-02
FINAL DATASHEET
MARCH 2004
3
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional device operation is not implied. Operating the device for any
length of time beyond the operating conditions may degrade device performance and/or shorten operating lifetime.
VCCA, VDD ............................................................................................................................................. VSS-0.3 to 3.6 V
Junction Temperature ............................................................................................................................................... 150°C
Storage Temperature Range.......................................................................................................................-65°C to 150°C
Lead Temperature (Soldering, 10s) .......................................................................................................................... 260°C
OPERATING CONDITIONS
Ambient Temperature Range (TA) ................................................................................................................-10°C to 60°C
VCCA Range................................................................................................................................................... 2.7V to 3.6V
VDD Range..................................................................................................................................................... 2.7V to 3.6V
Thermal Resistance (
θJA) ...................................................................................................................................... 36°C/W
Maximum receive RF input power ........................................................................................................................ -10dBm
Unless otherwise specified data is over operating conditions (TA = -10°C to 60°C, VCCA = VDD = 2.7V to 3.6V ) and
fREF = 6.144MHz, V23PLL=0, at Freq=5779.456 MHz (N=229, P=0).
Typical defined as VCCA = VDD = 3.3V, TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
VCCA
Analog supply voltage
2.7
3.3
3.6
V
VDD
Digital supply voltage
VDD pin (VCCA
≥ VDD always)
2.7
3.3
VCCA
V
VBG
Bandgap Voltage
VBG(p26), IO=0
µA
1.23
V
VREG
Regulated Voltage
VCCPLL(p10), VCCRF(p23),
VCCTXMIX(p27), VCCIF(p29), IO=0
µA
2.7
V
VVCO
VCO Regulated Voltage
VCCVCO(p14), IO=0
µA,
VCCB(p13)=2.7V
2.5
V
ISTBY
Supply current, STANDBY mode
DC supply connected, XCEN low, 25°C
and 3.0V
0.1
µA
IRX
Supply current, RECEIVE mode
RX chain active, data being received
65
90
mA
ITX
Supply current, TRANSMIT mode
POUT=0dBm
60
80
mA
SYNTHESIZER
fC
Carrier frequency range
5.725
5.850
GHz
δf
Channel Spacing
512KHz Steps
IP
Charge Pump sink/source current
±0.22
±0.52
±1.2
mA
F N
Phase noise at driver output
fo=1.2MHz offset from fc
fo=3MHz offset from fc
fo>7MHz offset from fc
-90
-110
-120
dBc/Hz
dBc/Hz
dBc/Hz
tFH
Lock time for channel switch
(2.560MHz channels)
From EN asserted to RX valid data(RX),
or PAON high (TX)
1 Channel
5 Channels
Full Range
110
185
250
µs
µs
µs
tTX2RX
Lock time for TX/RX
RXON High to Valid RX data
70
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com