Electronic Components Datasheet Search
  English  ▼

X  

UPD17P136ACT Datasheet(PDF) 120 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 120 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 116Page - NEC UPD17P136ACT Datasheet HTML 117Page - NEC UPD17P136ACT Datasheet HTML 118Page - NEC UPD17P136ACT Datasheet HTML 119Page - NEC UPD17P136ACT Datasheet HTML 120Page - NEC UPD17P136ACT Datasheet HTML 121Page - NEC UPD17P136ACT Datasheet HTML 122Page - NEC UPD17P136ACT Datasheet HTML 123Page - NEC UPD17P136ACT Datasheet HTML 124Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 292 page
background image
CHAPTER 12
PORTS
12.1 PORT 0A (P0A0, P0A1, P0A2, P0A3)
Port 0A is a 4-bit input/output port with an output latch. It is mapped into address 70H of BANK0 in data memory.
The output format is CMOS push-pull output.
Input or output can be specified in 4-bit units. Input/output is specified by P0AGIO (bit 0 at address 2CH) in the
register file.
When P0AGIO is 0, all pins of port 0A are used as input port. If a read instruction is executed for the port register,
pin statuses are read.
When P0AGIO is 1, all pins of port 0A are used as output port and the contents written in the output latch are output
to pins. If a read instruction is executed when pins are output ports, the contents of the output latch, rather than pin
statuses, are fetched.
Port 0A contains a software-controlled pull-up resistor. P0AGPU (bit 0 at address 0CH) of the register file is used
to determine whether port 0A contains the pull-up resistor. When P0AGPU is 1, all 4-bit pins are pulled up. If P0AGPU
is 0, the pull-up resistor is not contained.
At reset, P0AGIO and P0AGPU are set to 0 and all P0A pins become input ports without a pull-up resistor. The
contents of the port output latch are 0.
Table 12-1. Writing into and Reading from the Port Register (0.70H)
BANK0 70H
Read
P0A pin status
P0A latch contents
Write
Possible
Write to the P0A latch
Input
Output
Pin input/output
P0AGIO
RF: 2CH, bit 0
0
1
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com