Electronic Components Datasheet Search
  English  ▼

X  

UPD17P136ACT Datasheet(PDF) 139 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 139 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 135Page - NEC UPD17P136ACT Datasheet HTML 136Page - NEC UPD17P136ACT Datasheet HTML 137Page - NEC UPD17P136ACT Datasheet HTML 138Page - NEC UPD17P136ACT Datasheet HTML 139Page - NEC UPD17P136ACT Datasheet HTML 140Page - NEC UPD17P136ACT Datasheet HTML 141Page - NEC UPD17P136ACT Datasheet HTML 142Page - NEC UPD17P136ACT Datasheet HTML 143Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 292 page
background image
CHAPTER 13 PERIPHERAL HARDWARE
120
(b) If counting is started when count pulse is low (error: –1 to –1.5 count)
In this example, the coincidence signal must be output each time the count value has reached 2. However,
the first coincidence signal is output when the count value is 1.5 at maximum or 0.5 at minimum (error: –0.5
to –1.5 count).
The above error also occurs during oscillation stabilization wait time because the timer is also used to generate
the oscillation stabilization wait time.
0
101
Count register
Count pulse
Coincidence signal output
Count starts (TMnEN = 1
← 0)
2 counts
Coincidence signal output
1 to 1.5 count
(2) Error when counting is started from count stop status (maximum error: –1.5 count)
The count register of the 8-bit timer is cleared to 0 by setting the TMnRES flag to 1. However, the divider circuit
that generates a count pulse from the system clock is not reset.
If the TMnEN flag is set to 1 and counting is started from the count stop status, the timing of the first counting
differs as follows depending on whether the count pulse starts with a low level or a high level.
If count pulse starts with high level: First count at the next rising
If count pulse starts with low level: First count on starting of counting
Therefore, an error of –0.5 to 1.5 count occurs until the coincidence signal is output for the first time after
counting has been started. An example of counting where the modulo register is set to 1 is shown below.
Figure 13-7. Error When Counting Is Started from Count Stop Status
(a) If counting is started when count pulse is high (error: –0.5 to –1 count)
01
00
Count register
Count pulse
Coincidence signal output
Count starts (TMnEN = 1
← 0)
2 counts
Coincidence signal output
0.5 to 1 count
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com