Electronic Components Datasheet Search
  English  ▼

X  

UPD17P136ACT Datasheet(PDF) 143 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 143 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 139Page - NEC UPD17P136ACT Datasheet HTML 140Page - NEC UPD17P136ACT Datasheet HTML 141Page - NEC UPD17P136ACT Datasheet HTML 142Page - NEC UPD17P136ACT Datasheet HTML 143Page - NEC UPD17P136ACT Datasheet HTML 144Page - NEC UPD17P136ACT Datasheet HTML 145Page - NEC UPD17P136ACT Datasheet HTML 146Page - NEC UPD17P136ACT Datasheet HTML 147Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 292 page
background image
CHAPTER 13 PERIPHERAL HARDWARE
124
Figure 13-11. Watchdog Timer Mode Register
13.2.3 Operation of Basic Interval Timer
The basic interval timer is a 7-bit binary counter that always counts up by using a count pulse specified by the BTM
mode register. Counting operation cannot be stopped.
The interval time of the basic interval timer can be changed by using the BTMISEL bit of the BTM mode register.
When BTMISEL = 0, the interval time is the count pulse divided by 128 (128/fBTM); when BTMISEL = 1, the interval
time is the count pulse divided by 32 (32/fBTM).
The contents of the counter are not cleared to 0 even if the interval time is changed.
Bit 3
WDTRES
0
Bit 2
0
0
Bit 1
0
0
Bit 0
WDTEN
0
Read/write
Initial value at reset
R/W
Read = R, write = W
RF : 03H
WDTEN
0
1
Does not affect watchdog timer.
Sets flip-flop that holds overflow carry of
BTM used by watchdog timer.
WDTRES
0
1
Enables watchdog timer function
Watchdog timer stops.
Watchdog timer starts operating.
Resets watchdog timer
Remarks 1. WDTEN cannot be cleared to 0 by program.
2. WDTEN is automatically cleared to 0 after it
has been set to 1. This bit is always 0 when
it is read.
Remark WDTRES is automatically cleared to 0 after it
has been set to 1. This bit is always 0 when
it is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com