Electronic Components Datasheet Search
  English  ▼

X  

AF555 Datasheet(PDF) 5 Page - 3M Electronics

Part # AF555
Description  3M Scotch-Weld??Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF555 Datasheet(HTML) 5 Page - 3M Electronics

  AF555 Datasheet HTML 1Page - 3M Electronics AF555 Datasheet HTML 2Page - 3M Electronics AF555 Datasheet HTML 3Page - 3M Electronics AF555 Datasheet HTML 4Page - 3M Electronics AF555 Datasheet HTML 5Page - 3M Electronics AF555 Datasheet HTML 6Page - 3M Electronics AF555 Datasheet HTML 7Page - 3M Electronics AF555 Datasheet HTML 8Page - 3M Electronics AF555 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
- 4 -
3M™ Scotch-Weld™
Structural Adhesive Film
AF 555
Typical Cured
Physical Properties
(continued)
Note: The following technical information and data is based on limited 3M testing
conditions and should not be used for specification purposes.
Scotch-Weld AF 555 Film
0.06M Wt. Supported PSI (MPa)
)
C
°
7
7
1(
F
°
0
5
3
ta
e
r
u
s
o
p
x
e
fo
sr
u
o
H
at 75°F (23°C)
at 350°F (177°C)
)7
.3
1(
1
8
9
1
)2
.7
2(
2
4
9
3
0
)2
.4
1(
6
6
0
2
)0
.9
2(
6
0
2
4
0
4
2
)6
.4
1(
5
1
1
2
)7
.9
2(
2
1
3
4
4
6
8
)6
.4
1(
1
2
1
2
)9
.8
2(
3
9
1
4
0
4
4
1
VI. High Temperature Durability Data – Metal to Metal Wide Area Overlap Shear
Bonds were made on FPL etched and phosphoric acid anodized 2024-3T bare aluminum and exposed at
350°F (177°C). Overlap shear values were obtained at 75°F (23°C) and at 350°F (177°C) as indicated below.
Primer used 3M™ Scotch-Weld™ Structural Adhesive Primer EC-3917. Tested in accordance with 3M TM C-265
(Aluminum to Aluminum Blister Detection Test).
VII. High Temperature/Humidity Durability Data – Metal to Metal Wide Area Overlap Shear
VIII. Thick Adherend Shear
Scotch-Weld AF 555 Film tested on 1/2" thick FPL etched, Phosphoric Anodized 2024-T3 Aluminum primed with
3M™ Scotch-Weld™ Adhesive Primer EW-5000 AS. Full report available from 3M Technical Service upon request.
Measured
Sustained
Load
(days)
Temperature Humidity
Load
Creep
Creep
°F
(°C)
(RH%)
(PSI)
(years)
(mil) (mm)
140
(60)
100
2000
140
(60)
100
1500
140
(60)
100
1100
140
(60)
100
800
300 (149)
800
75
(23)
ambient
1600
150
(0.0127)
<0.5
3
150
(0.0127)
<0.5
3
150
(0.0127)
<0.5
3
150
(0.0127)
<0.5
3
150
(0.0127)
<0.5
3
150
(0.0127)
<0.5
3
Test Temperature,
°F (°C)
Ultimate Strain,
%
Ultimate Stress,
psi (MPa)
Shear Modulus,
psi (MPa)
-65 (-54)
75 (24)
200 (93)
9660 (67)
7610 (52)
5220 (36)
0.309
0.556
0.935
0.171 (0.0012)
0.063 (0.0004)
0.041 (0.0003)
277 (136)
3790 (26)
1.344
0.011 (0.00008)
3M™ Scotch-Weld™ Structural Adhesive Film AF 555 was exposed at the following temperature/humidity and loads
for the number of days specified below before measuring creep. Bonds were made on FPL etched and phosphoric acid
anodized 2024-T3 bare aluminum – using Scotch-Weld EC-3917 Primer and Scotch-Weld AF 555 Film 0.06M wt.
supported. Specimens prepared in accordance with 3M TM C-265 (Aluminum to Aluminum Blister Detection Test).
Typical Cured
Physical Properties
Note: The following technical information and data is based on limited 3M testing
conditions and should not be used for specification purposes.
IX. Composite to Honeycomb – Short Beam Shear
3M™ Scotch-Weld™
Structural Adhesive Film
AF 555
X. Composite to Composite – Flatwise Tensile
All properties were measured on 2" X 2" specimens configured with three (3) plies of BMS8-256, Type IV,
Class 2, Style 3K-70-PW co-cured at 350°F on each side of BMS8-124, Type I, Class1, Grade 8.0 (.50 inch
thick) honeycomb core with one ply of Scotch-Weld AF 555 Film at each core/skin interface. Flatwise Tension
Test Blocks were subsequently bonded prior to testing and tested in accordance with MIL-STD-401.
Test Temperature
Construct
lbf
kN
75°F (24°C)
Scotch-Weld AF 555M Film .030 psf
2360
10.5
75°F (24°C)
Scotch-Weld AF 555M Film .035 psf
2316
10.3
75°F (24°C)
Scotch-Weld AF 555M Film .050 psf
2202
9.79
75°F (24°C)
Scotch-Weld AF 555K Film .050 psf
2264
10.1
75°F (24°C)
Scotch-Weld AF 555K Film .080 psf
2485
11.1
Test Temperature
Construct
PSI
MPa
- 5 -
All properties were measured on 3" X 6" specimens configured with three (3) plies of BMS8-256, Type IV,
Class 2, Style 3K-70-PW co-cured at 350°F on each side of BMS8-124, Type I, Class1, Grade 8.0 (.50 inch
thick and transverse with 6" dimension) honeycomb core with one ply of 3M™ Scotch-Weld™ Structural
Adhesive Film AF 555 at each core/skin interface. Beam shear was tested in a three point configuration with
a 4.00 ± 0.05" span with the tool side up (in compression) to MIL-STD-401 guidelines.
-65°F (-55 °C)
Scotch-Weld AF 555M Film .030 psf
1156
7.97
75°F (24°C)
1170
8.07
160 °F (71°C)
1000
6.89
-65°F (-55 °C)
1087
7.49
75°F (24°C)
1062
7.32
160 °F (71°C)
949
6.54
-65°F (-55 °C)
849
5.85
75°F (24°C)
1092
7.53
160 °F (71°C)
1129
7.78
-65°F (-55 °C)
1174
8.09
75°F (24°C)
1266
8.73
160 °F (71°C)
1137
7.84
Scotch-Weld AF 555M Film .030 psf
Scotch-Weld AF 555M Film .030 psf
Scotch-Weld AF 555M Film .035 psf
Scotch-Weld AF 555M Film .035 psf
Scotch-Weld AF 555M Film .035 psf
Scotch-Weld AF 555K Film .050 psf
Scotch-Weld AF 555K Film .050 psf
Scotch-Weld AF 555K Film .050 psf
Scotch-Weld AF 555M Film .080 psf
Scotch-Weld AF 555M Film .080 psf
Scotch-Weld AF 555M Film .080 psf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com