Electronic Components Datasheet Search
  English  ▼

X  

AF555 Datasheet(PDF) 1 Page - 3M Electronics

Part # AF555
Description  3M Scotch-Weld??Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF555 Datasheet(HTML) 1 Page - 3M Electronics

  AF555 Datasheet HTML 1Page - 3M Electronics AF555 Datasheet HTML 2Page - 3M Electronics AF555 Datasheet HTML 3Page - 3M Electronics AF555 Datasheet HTML 4Page - 3M Electronics AF555 Datasheet HTML 5Page - 3M Electronics AF555 Datasheet HTML 6Page - 3M Electronics AF555 Datasheet HTML 7Page - 3M Electronics AF555 Datasheet HTML 8Page - 3M Electronics AF555 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Scotch-Weld™
Structural Adhesive Film
AF 555
Key Features
Available Constructions:
October 2007
a Sheet
ta
D
la
ci
n
h
c
e
T
3M™ Scotch-Weld™ Structural Adhesive Film AF 555 is a thermosetting, modi ed
epoxy adhesive lm. It was designed for bonding of composites in conjunction with
honeycomb or in a monolithic structure. Scotch-Weld AF 555 Film can be co-cured,
co-bonded with composite prepregs, or used to bond cured composite.
Product Description
Weight
(± .005) Lb/ft2
Construction
Code:
U = Unsupported Film
M = Non-Woven Supporting Carrier (Matte)
K = Knit Supporting Carrier
L = Lightweight Non-Woven Supporting Carrier
Scotch-Weld AF 555 lms are orange in both their uncured and fully cured form.
2.5
5.5
6.0
8.0
10.0
13.0
2.5
5.5
5.75
6.0
8.0
10.0
13.0
8.0
13.0
16.0
8.0
Nominal
Thickness (mils)
0.015
0.030
0.035
0.050
0.060
0.080
0.015
0.030
0.0325
0.035
0.050
0.060
0.080
0.050
0.080
0.100
0.050
Scotch-Weld AF 555U Film
Scotch-Weld AF 555U Film
Scotch-Weld AF 555U Film
Scotch-Weld AF 555U Film
Scotch-Weld AF 555U Film
Scotch-Weld AF 555U Film
Scotch-Weld AF 555M Film
Scotch-Weld AF 555M Film
Scotch-Weld AF 555M Film
Scotch-Weld AF 555M Film
Scotch-Weld AF 555M Film
Scotch-Weld AF 555M Film
Scotch-Weld AF 555M Film
Scotch-Weld AF 555K Film
Scotch-Weld AF 555K Film
Scotch-Weld AF 555K Film
Scotch-Weld AF 555L Film
Excellent pre-bond humidity performance on composite substrates.
One-year out-time at ambient conditions.
Unsupported version available for reticulation.
Film adhesive can be cured from 300°F (150°C) up to 355°F (180°C).
Excellent shop handling characteristics (easy to use in shop).
Available with light-weight conductive screens for lightning strike/composite
surfacing applications.


Similar Part No. - AF555

ManufacturerPart #DatasheetDescription
logo
Same Sky Devices
AF500 SAMESKY-AF500 Datasheet
152Kb / 2P
THERMAL PAD
09/12/2024
logo
List of Unclassifed Man...
AF5000 ETC1-AF5000 Datasheet
294Kb / 1P
AF1000 TO 6000
logo
SMC Corporation.
AF50P-050AS SMC-CORP-AF50P-050AS Datasheet
398Kb / 5P
Drain Separator for Vacuum
logo
List of Unclassifed Man...
AF512CFI-7ACXP ETC1-AF512CFI-7ACXP Datasheet
1Mb / 68P
ATP Industrial Grade CompactFlashCard Specification
AF512SDI ETC1-AF512SDI Datasheet
2Mb / 81P
ATP Industrial Grade SD Card Specification
More results

Similar Description - AF555

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EW-5000 3M-EW-5000 Datasheet
389Kb / 6P
3M™ Scotch-Weld™ Structural Adhesive Primer
Feb-2018
EC-1660 3M-EC-1660 Datasheet
17Kb / 3P
3M Scotch-Weld??Structural Adhesive Primer
EC-1648 3M-EC-1648 Datasheet
20Kb / 4P
3M Scotch-WeldTM Structural Adhesive
AF191 3M-AF191 Datasheet
140Kb / 12P
3M Scotch-WeldTM Structural Adhesive Film
AF163-2 3M-AF163-2 Datasheet
355Kb / 21P
3M Scotch-WeldTM Structural Adhesive Film
Nov-2009
EW-5005 3M-EW-5005 Datasheet
347Kb / 6P
3M??Scotch-Weld??Structural Adhesive Primer EW-5005
AF143-2 3M-AF143-2 Datasheet
205Kb / 4P
3M Scotch-Weld™ Structural Adhesive Film AF 143-2
Aug-2019
AF32 3M-AF32 Datasheet
36Kb / 8P
3M Scotch-WeldTM Structural Adhesive Film
AF31 3M-AF31 Datasheet
80Kb / 15P
3M Scotch-WeldTM Structural Adhesive Film
Mar-2006
AF30 3M-AF30 Datasheet
42Kb / 12P
3m Scotch-WeldTM Structural Adhesive Film
Jun-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com