Electronic Components Datasheet Search
  English  ▼

X  

AF555 Datasheet(PDF) 11 Page - 3M Electronics

Part # AF555
Description  3M Scotch-Weld??Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF555 Datasheet(HTML) 11 Page - 3M Electronics

Back Button AF555 Datasheet HTML 7Page - 3M Electronics AF555 Datasheet HTML 8Page - 3M Electronics AF555 Datasheet HTML 9Page - 3M Electronics AF555 Datasheet HTML 10Page - 3M Electronics AF555 Datasheet HTML 11Page - 3M Electronics AF555 Datasheet HTML 12Page - 3M Electronics AF555 Datasheet HTML 13Page - 3M Electronics AF555 Datasheet HTML 14Page - 3M Electronics AF555 Datasheet HTML 15Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
3M™ Scotch-Weld™
Structural Adhesive Film
AF 555
- 11 -
Product Application
Note: While this information is provided as a general application guideline based upon
typical conditions, it is recognized that no two applications are identical due to differing
assemblies, method of heat and pressure application, production equipment and other
limitations. It is therefore suggested that experiments be run, within the actual
constraints imposed, to determine optimum conditions for your specific application and
to determine suitability of product for particular intended use.
Note: Review and follow safety and precautionary information provided by
chemical supplier prior to preparation of this etch solution.
XVI. Surface Preparation
A thoroughly cleaned, dry, grease-free surface is essential for maximum
performance. Cleaning methods that produce a break free water film on
metal surfaces are generally satisfactory.
A. Aluminum: Phosphoric acid anodize (3M Test Method C-2780), Chromic acid
anodize with or without a chromate seal (3M Test Methods C-2801 or C-2782)
are preferred for maximum joint durability in moist environments. Optimized
FPL Etch has also demonstrated improved durability performance. Optimized
FPL Etch – 3M Company (3M Test Method C-2803 or ASTM D 2651)
1. Alkaline degrease – Oakite* 164 solution 9-11 oz./gallon of water at
190° ± 10°F for 10 to 20 minutes. Rinse immediately in large quantities of
cold running water (3M Test Method C-2802).
*Available from Chemetall Oakite, Berkeley Heights, NJ.
2. Optimized FPL Etch Solution (1 liter):
Material Amount
Distilled Water 700 ml plus balance of liter (see below)
Sodium Dichromate 28 to 67.3 grams
Sulfuric Acid 287.9 to 310.0 grams
Aluminum Chips 1.5 grams/liter of mixed solution
To FPL etch panels, place them in the above solution at 150 to 160°F (66 to 71°C)
for 12 to 15 minutes.
3. Rinse immediately in large quantities of clear running tap water.
4. Dry – Air dry approximately 15 minutes followed by a force dry at 140°F
(maximum).
5. Current theory suggests that both surface structure and chemistry play a
significant role in determining the strength and permanence of bonded structure.
It is therefore advisable to bond or prime freshly cleaned surfaces as early as
possible after preparing to avoid contamination and/or mechanical damage.
To prepare 1 liter of this solution, dissolve sodium dichromate in 700 ml of
distilled water. Add sulfuric acid and mix well. Add additional distilled water to
fill to 1 liter. Heat mixed solution to 66 to 71°F (150 to 160°F). Dissolve 1.5
grams of 2024 bare aluminum chips per liter of mixed solution. Gentle agitation
will help aluminum dissolve in about 24 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com