Electronic Components Datasheet Search
  English  ▼

X  

AF555 Datasheet(PDF) 6 Page - 3M Electronics

Part # AF555
Description  3M Scotch-Weld??Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF555 Datasheet(HTML) 6 Page - 3M Electronics

Back Button AF555 Datasheet HTML 2Page - 3M Electronics AF555 Datasheet HTML 3Page - 3M Electronics AF555 Datasheet HTML 4Page - 3M Electronics AF555 Datasheet HTML 5Page - 3M Electronics AF555 Datasheet HTML 6Page - 3M Electronics AF555 Datasheet HTML 7Page - 3M Electronics AF555 Datasheet HTML 8Page - 3M Electronics AF555 Datasheet HTML 9Page - 3M Electronics AF555 Datasheet HTML 10Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
3M™ Scotch-Weld™
Structural Adhesive Film
AF 555
- 6 -
Typical Cured
Physical Properties
Note: The following technical information and data is based on limited 3M testing
conditions and should not be used for specification purposes.
3M™ Scotch-Weld™
Structural Adhesive Film AF 555
0.06M Wt.
)a
P
M
(
I
S
P
C
°
F
°
)0
.6
3(
4
2
2
5
)3
2(
5
7
)3
.0
2(
8
3
9
2
)6
3
1(
7
7
2
XI. Composite to Composite Overlap Shear
All properties were measured on 1" wide, 1/2" overlap specimen cut from epoxy/graphite fiber, ten ply
unidirectional composite. Composite panels were cured using ten plies of carbon fiber prepreg, available as
“Toray 3900-2/T800S”, having an areal weight of 190 grams/meter2 and a resin content of 35% (from Toray™
Carbon Fibers America, Incorporated, Decatur, Alabama). Tested in accordance with ASTM D3165.
XIII. Out Time: Room Temperature Exposure
Scotch-Weld AF 555 Film was exposed at 77F (23C) / ambient humidity for the number of months specified
prior to bonding. Primer used was 3M™ Scotch-Weld™ Structural Adhesive Primer EW-5000. Overlap shear was
tested in accordance with ASTM D1002. Floating Roller Peel was tested in accordance with ASTM D3167-97.
Overlap Shear Specimens: 1" wide, 1/2" overlap specimen, 0.063" thick, FPL etched and phosphoric acid
anodized 2024-T3 bare aluminum. Primed with Scotch-Weld EW-5000 Primer.
Test Temperature
XII. Composite Double Cantilever Beam (DCB) Test Per BMS 8-276
Mechanical Test to determine strength after Glasochrom Pencil Markings
Composite Material Spec
BMS 8-276
Adhesive
Scotch-Weld™ AF 555 Film 0.05M Wt. Supported
Test Condition
75ºF
Width
Crack Length
Area
Energy
G1c
in
in
in^2
in*lbf
in*lbf/in^2
Lot # A
0.498
4.227
2.1071
9.466
4.490
Lot # B
0.497
3.856
1.9164
8.038
4.213
Lot # C
0.497
7.839
3.8959
19.182
4.924
Lot # D
0.500
5.074
2.87
14.972
5.901
Lot # E
0.498
6.384
3.1792
16.040
5.050
Lot # F
0.497
7.332
3.6440
18.035
4.949
Test
Temperature
0 Month
PSI (MPa)
6 Months
PSI (MPa)
12 Months
PSI (MPa)
75F (23C )
5416 (37 )
5243 (36 )
5005 (35 )
277 F (136C )
2606 (18 )
3277 (23 )
3208 (22 )
350 F (177C )
1571 (11 )
1499 (10 )
1410 (10 )
Scotch-Weld AF 555U Film 0.030 wt., Overlap Shear vs. Out Time
3M™ Scotch-Weld™
Structural Adhesive Film
AF 555
- 7 -
Typical Cured
Physical Properties
Note: The following technical information and data is based on limited 3M testing
conditions and should not be used for specification purposes.
Floating roller peel specimens: 1/2" wide, 0.063" back panel, 0.025" skin 2024-T3 bare aluminum, FPL
etched and phosphoric acid anodized. Primed with 3M™ Scotch-Weld™ Adhesive Primer EW-5000.
Test
Temperature
0 Month
PIW (N/25mm)
6 Months
PIW (N/25mm)
12 Months
PIW (N/25mm)
Scotch-Weld AF 555U Film 0.030 wt., Floating Roller Peel vs. Out Time
Scotch-Weld AF 555M Film 0.050 wt., Floating Roller Peel vs. Out Time
Scotch-Weld AF 555K Film 0.080 wt., Floating Roller Peel vs. Out Time
Test
Temperature
0 Month
PIW (N/25mm)
6 Months
PIW (N/25mm)
12 Months
PIW (N/25mm)
Test
Temperature
0 Month
PIW (N/25mm)
6 Months
PIW (N/25mm)
12 Months
PIW (N/25mm)
-67F (23C )
22 (97 )
20 (89 )
24 (107 )
75F (136C )
38 (169 )
35 (156 )
30 (133 )
180 F (177C )
39 (173 )
38 (169 )
40 (178 )
-67F (23C )
25 (111 )
27 (120 )
20 (89 )
75F (136C )
37 (165 )
36 (160 )
36 (160 )
180 F (177C )
39 (173 )
40 (178 )
40 (178 )
-67F (23C )
20 (89 )
21 (93 )
24 (107 )
75F (136C )
31 (138 )
32 (142 )
36 (160 )
180 F (177C )
29 (129 )
40 (178 )
41 (178 )
Scotch-Weld AF 555M Film 0.050 wt., Overlap Shear vs. Out Time
Scotch-Weld AF 555K Film 0.080 wt., Overlap Shear vs. Out Time
75F (23C )
5634 (39 )
5099 (35 )
5164 (36 )
277 F (136C )
3016 (21 )
3459 (24 )
3855 (27 )
350 F (177C )
1526 (11 )
1650 (11 )
1654 (11 )
75F (23C )
5765 (40 )
5410 (37 )
5840 (40 )
277 F (136C )
4355 (30 )
3519 (24 )
4009 (28 )
350 F (177C )
2252 (16 )
1819 (13 )
1981 (14 )
Test
Temperature
0 Month
PSI (MPa)
6 Months
PSI (MPa)
12 Months
PSI (MPa)
Test
Temperature
0 Month
PSI (MPa)
6 Months
PSI (MPa)
12 Months
PSI (MPa)
XIII. Continued – Out Time: Room Temperature Exposure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com