Electronic Components Datasheet Search
  English  ▼

X  

AF555 Datasheet(PDF) 14 Page - 3M Electronics

Part # AF555
Description  3M Scotch-Weld??Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF555 Datasheet(HTML) 14 Page - 3M Electronics

Back Button AF555 Datasheet HTML 7Page - 3M Electronics AF555 Datasheet HTML 8Page - 3M Electronics AF555 Datasheet HTML 9Page - 3M Electronics AF555 Datasheet HTML 10Page - 3M Electronics AF555 Datasheet HTML 11Page - 3M Electronics AF555 Datasheet HTML 12Page - 3M Electronics AF555 Datasheet HTML 13Page - 3M Electronics AF555 Datasheet HTML 14Page - 3M Electronics AF555 Datasheet HTML 15Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
3M™ Scotch-Weld™
Structural Adhesive Film
AF 555
- 14 -
XIX. Cure Conditions & Characteristics
3M™ Scotch-Weld™ Structural Adhesive Film AF 555 is designed to provide
short cure times in the 300 to 355°F temperature range. While performance outside
this cure temperature range has not been fully investigated, limited results suggest
that cure temperatures as high as 375°F may be used as well as longer cure times at
200°F (6 hrs.) to obtain useful performance.
A. Standard Cure Cycle for Positive Pressure (Autoclave) Cure
– 4.5ºF/min. rise rate to 355 ± 5ºF.
– Vacuum bag target: 28 inches Hg.
– Release (vent) vacuum bag pressure when positive pressure reaches a level of 15 psi.
– Positive pressure target: 15-20 psi. Pressures as high as 45 psi can be used. If 45 psi
pressure is being used to cure overlap shear specimens, shimming must be used to optimize
bond line thickness.
– Soak time: 120 minutes ± 5 min. @ 355ºF bond line temperature.
– Cool down @ 10ºF/min. to 75ºF.
– Release positive pressure when bond line temperature reaches 100ºF.
B. Weight Loss During Cure (3M Test Method C-274):
Less than 1% (60 min at 250°F)
C. Cure Time and Temperature
For temperatures from 325 to 355°F, a cure time of 120 minutes at temperature
is suggested. Following cure, it is suggested that pressure be maintained until
the assembly has been cooled to 100°F or below.
D. Heat up rate
Bond line temperature rise rates between 1°F/min. and 20°F/min. have been used
successfully with Scotch-Weld AF 555 films. It must be noted that hot entry cures
at 300°F and above can be expected to produce reduced performance due to
formation of bond line porosity.
E. Cure Pressure
1. Positive Pressure Cures
During cure, pressure is required to keep parts in alignment and to overcome
distortions and thermal expansion of the adherends. When bonding honeycomb
assemblies with non-perforated core, pressure is required to overcome the
thermal expansion of air in the honeycomb cells. Positive pressure between 20
and 80 psi have been used successfully with 3M™ Scotch-Weld™ Structural
Adhesive Film AF 555. For very small area bonds, however, pressures at the
higher end of this range may produces excessive squeeze out and adhesive bond
line starvation. For large solid panel constructions which are autoclave cured,
application of vacuum for 15 to 20 minutes prior to application of heat and
pressure is suggested to assist in removing any residual air trapped in the assembly.
Normally, the vacuum is released following application of positive pressure @
15-20 psi. For problem assemblies, maintain the vacuum during the heatup cycle
to about 130°F to further assist in providing void free bonds.
2. Vacuum Curing
Scotch-Weld AF 555 films can be successfully cured using vacuum cure
techniques. For performance comparable to positive pressure cures, Scotch-Weld
AF 555 films should be cured using a vacuum level in the range of 8-22 inches
of mercury. Higher vacuum levels yield excessive porosity and corresponding
strength reductions. Scotch-Weld AF 555M versions have shown a high level of
performance retention across the 10-25 inches of mercury vacuum level range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com