Electronic Components Datasheet Search
  English  ▼

X  

AF555 Datasheet(PDF) 10 Page - 3M Electronics

Part # AF555
Description  3M Scotch-Weld??Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF555 Datasheet(HTML) 10 Page - 3M Electronics

Back Button AF555 Datasheet HTML 6Page - 3M Electronics AF555 Datasheet HTML 7Page - 3M Electronics AF555 Datasheet HTML 8Page - 3M Electronics AF555 Datasheet HTML 9Page - 3M Electronics AF555 Datasheet HTML 10Page - 3M Electronics AF555 Datasheet HTML 11Page - 3M Electronics AF555 Datasheet HTML 12Page - 3M Electronics AF555 Datasheet HTML 13Page - 3M Electronics AF555 Datasheet HTML 14Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
3M™ Scotch-Weld™
Structural Adhesive Film
AF 555
- 10 -
Typical Cured
Physical Properties
Note: The following technical information and data is based on limited 3M testing
conditions and should not be used for specification purposes.
Time to Minimum Viscosity
Eta* @ Minimum Viscosity
)
P
(
)
ni
m
(
Initial
1
0
+
E
8
5.
1
3
3
1.
4
2
14 days
1
0
+
E
0
6.
1
3
3
1.
4
2
21 days
1
0
+
E
2
0.
2
7
6
4.
3
2
39 days
1
0
+
E
5
7.
1
9.
3
2
Open Time Data – Minimum viscosity vs. out-time at 90°F (32°C)/50% RH
Test Equipment: Rheometric Dynamic Analyzer.
Frequency = 1 Hz
Heat-up Rate = 5°C/min.
Strain = 0.2%
Data Collection Frequency = 30 sec.
Construct = 3M™ Scotch-Weld™ Structural Adhesive Film AF 555 0.05 wt.
XV. Continued – Out Time: 90°F / 50% RH Exposure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com