Electronic Components Datasheet Search
  English  ▼

X  

AF555 Datasheet(PDF) 12 Page - 3M Electronics

Part # AF555
Description  3M Scotch-Weld??Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF555 Datasheet(HTML) 12 Page - 3M Electronics

Back Button AF555 Datasheet HTML 7Page - 3M Electronics AF555 Datasheet HTML 8Page - 3M Electronics AF555 Datasheet HTML 9Page - 3M Electronics AF555 Datasheet HTML 10Page - 3M Electronics AF555 Datasheet HTML 11Page - 3M Electronics AF555 Datasheet HTML 12Page - 3M Electronics AF555 Datasheet HTML 13Page - 3M Electronics AF555 Datasheet HTML 14Page - 3M Electronics AF555 Datasheet HTML 15Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
3M™ Scotch-Weld™
Structural Adhesive Film
AF 555
- 12 -
B. Aluminum Honeycomb Core
D. Stainless Steel – Type 301
1. Soak in clean aliphatic naphtha (conforming to TT-N-95A) for five minutes
at room temperature. Dry 10 minutes at 140°F (maximum).
2. Optional – Immerse in etching solution above for 2 minutes 155 ± 5°F.
Rinse, air dry and force dry in a similar manner to skins.
C. Titanium CP or 6AI 4V both Turco® 5578-L* and improved phosphate fluoride
processing have been used successfully with 3M™ Scotch-Weld™ Structural
Adhesive Film AF 555.
1. Vapor hone 140 grit in water – rinse thoroughly with clear running tap water.
2. Degrease – solvent or alkaline process.
3. Immerse for 15 minutes at 185 ± 5°F in the following bath:
Turco® 5578-L – 420 grams
Distilled water – Balance to make 1 liter
4. Immerse for 1 minute in 170 ± 5°F distilled water.
5. Spray rinse for 5 minutes in hot tap water ~ 130°F.
6. Air dry for 10 to 20 minutes.
7. Force dry for 15 minutes at 140°F (maximum).
8. It is advisable to bond or prime freshly cleaned surfaces within four hours.
*Available from Henkel North America.
1. Vapor hone 140 grit in water.
2. Rinse thoroughly in clear running tap water.
3. Alkaline degrease – see procedure above.
4. Rinse thoroughly in clear running tap water.
5. Immerse for 10 minutes at 75 ± 5°F in the following bath:
Distilled Water 73-95 oz/gal
Nitric Acid 42° Be 30-50 oz/gal
Hydrofluoric Acid 70% 3-5 oz/gal
6. Rinse thoroughly in clear running tap water.
7. Air dry for 10-20 minutes.
8. Force dry for 15 minutes at 150°F.
9. Bond or prime within four hours after preparing.
E. Cured fiberglass or carbon fiber reinforced epoxy resin based reinforced
plastic.
1. Abrade with 180 grit paper or 3M™ Scotch-Brite™ Scour Pad (do not
cut through resin into reinforcing fibers).
2. Degrease using acetone or using an unsized cheesecloth pad.
3. Air dry for two hours minimum.
XVI. Continued – Surface Preparation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com