Electronic Components Datasheet Search
  English  ▼

X  

F4481 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # F4481
Description  DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4481 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button F4481 Datasheet HTML 29Page - Renesas Technology Corp F4481 Datasheet HTML 30Page - Renesas Technology Corp F4481 Datasheet HTML 31Page - Renesas Technology Corp F4481 Datasheet HTML 32Page - Renesas Technology Corp F4481 Datasheet HTML 33Page - Renesas Technology Corp F4481 Datasheet HTML 34Page - Renesas Technology Corp F4481 Datasheet HTML 35Page - Renesas Technology Corp F4481 Datasheet HTML 36Page - Renesas Technology Corp F4481 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
F4481 Datasheet
© 2020 Renesas Electronics Corporation
33
December 15, 2020
Programming
The F4481 employs a variety of programming options which can be used to control the on-chip attenuators and band-select functions. The
following sections provide specific details on each unique programming mode.
Serial Programming
The F4481 includes a SPI interface which is primarily used to program the device’s on-chip attenuators.
Device Register Maps
Each channel of the VGA uses an 8-bit addressing word followed by an 8-bit data word to execute the attenuation level commands. Figure 64
shows the various bit assignments for each channel register.
Figure 64. Register Bit Map for Each Channel
Address Word A7 – A0
Data Word D7 – D0
D6
D5
D1
D4
D2
D3
16 dB
RSV
LSB
RSV
RSV
RSV RSV
8 dB
4 dB
2 dB
1 dB
0.5 dB
MSB
D7
CH
SEL
CH
SEL
A6
A7
A5
A1
A4
A2
A3
A0
D0
LSB
MSB
RSV
CH
SEL
RSV
The register address word (Bits A7-A0) includes five reserve bits (A7-A3) followed by three channel addressing bits (A2-A0). The channel select
truth table is provided in Table 8.
Table 8.
Channel Select Truth Table
Channel Select
Reserve
Address Bits
A7
A6
A5
A4
A3
A2
A1
A0
Channel A
X
X
X
X
X
0
0
0
Channel B
X
X
X
X
X
0
0
1
Channel C
X
X
X
X
X
0
1
0
Channel D
X
X
X
X
X
0
1
1
Channel A and B
(Simultaneous Programming)
X
X
X
X
X
1
0
X
Channel C and D
(Simultaneous Programming)
X
X
X
X
X
1
1
X
Note that address bit A2 is used to select either individual channel programming (logic LOW) or dual channel programming (logic HIGH).
Simultaneous programming of channels A and B is achieved when setting bit A2 to a logic HIGH and A1 a logic LOW. Simultaneous
programming of channels C and D occurs when bits A2 and A1 are both logic HIGHs.
Table 9 represents the truth table for the attenuator control bits. A full scale DSA setting of 000000 drives the channel DSA into its minimum
attenuation state. Conversely, a setting of 111111 drives the channel DSA into its maximum attenuation state. Note that D5 is defined as the
Most Significant Bit (MSB) for the attenuator control function within each respective channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com