Electronic Components Datasheet Search
  English  ▼

X  

F4481 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # F4481
Description  DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4481 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button F4481 Datasheet HTML 37Page - Renesas Technology Corp F4481 Datasheet HTML 38Page - Renesas Technology Corp F4481 Datasheet HTML 39Page - Renesas Technology Corp F4481 Datasheet HTML 40Page - Renesas Technology Corp F4481 Datasheet HTML 41Page - Renesas Technology Corp F4481 Datasheet HTML 42Page - Renesas Technology Corp F4481 Datasheet HTML 43Page - Renesas Technology Corp F4481 Datasheet HTML 44Page - Renesas Technology Corp F4481 Datasheet HTML 45Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
F4481 Datasheet
© 2020 Renesas Electronics Corporation
41
December 15, 2020
Evaluation Kit Operation
Power Supplies
A common VCC power supply should be used for all pins requiring DC power. All supply pins should be bypassed with external capacitors to
minimize noise and fast transients. Supply noise can degrade noise figure and fast transients can trigger ESD clamps and cause them to fail.
Supply voltage change or transients should have a slew rate smaller than 1V/20µs. In addition, all control pins should remain at 0V (±0.3V) or
floating while the supply voltage ramps or while it returns to zero.
Power Supply Setup
1.
Connect pin 2 to pin 4, and pin 1 to pin 3 of J26-29. This ensures operation of the Distortion and Bias resistors.
2.
Set up a power supply in the voltage range of 3.15V to 3.45V with the power supply output disabled. The voltage can be applied directly to
the J14 SMA.
Power-On Procedure
Set up the voltage supplies and Evaluation Board as described in the “Power Supply Setup” and enable the VCC supply.
Power-Off Procedure
1.
Disable the RF input signal on all channels.
2.
Disable the VCC supply.
Application Information
The F4481 is optimized for use in high-performance RF applications ranging from 400MHz to 1100MHz.
Startup Condition
Upon device power-up, all channels will default to the standby mode ON. For logic levels, see Table 11.
Default Channel Power On
The default attenuation state will be 31.5dB attenuation upon powering ON each channel (i.e., standby mode OFF). For default levels, see
Table 11.
Chip Select (CSb)
When CSb is set to logic high, the CLK input is disabled. When CSb is set to logic low, the CLK input is enabled and the DATA word can be
programmed into the shift registers. The programmed word is then latched into the F4481 on the CSb rising edge (see Figure 67).
Standby Mode (STBY)
The F4481 has a power-down feature for power savings. The SPI bus is used to operate each channel in Standby On/Off mode (see Table 11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com