Electronic Components Datasheet Search
  English  ▼

X  

F4481 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # F4481
Description  DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4481 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button F4481 Datasheet HTML 31Page - Renesas Technology Corp F4481 Datasheet HTML 32Page - Renesas Technology Corp F4481 Datasheet HTML 33Page - Renesas Technology Corp F4481 Datasheet HTML 34Page - Renesas Technology Corp F4481 Datasheet HTML 35Page - Renesas Technology Corp F4481 Datasheet HTML 36Page - Renesas Technology Corp F4481 Datasheet HTML 37Page - Renesas Technology Corp F4481 Datasheet HTML 38Page - Renesas Technology Corp F4481 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
F4481 Datasheet
© 2020 Renesas Electronics Corporation
35
December 15, 2020
Timing Associated with Programming the Serial Registers
To program each channel, the Address Word and Data Word must be clocked in sequentially with the Most Significant Bit (MSB) first (for details,
see Figure 66).
Figure 66. Timing Diagram Associated with Programming the Serial Register
Address Word A7 – A0
Data Word D7 – D0
D6
D5
D1
D4
D2
D3
16dB
CLK
DATA
Data Word
Latched into
Register
LSB
0
0
0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
8dB
4dB
2dB
1dB
0.5dB
MSB
CSb
Increasing Time
D0
D7
CH
SEL
CH
SEL
A6
A7
A5
A1
A4
A2
A3
A0
LSB
MSB
CH
SEL
0
0
0
SPI Timing Intervals
Figure 67 shows the relevant SPI timing intervals that are specified in Table 10.
Note – The F4481 includes a CLK inhibit feature designed to minimize sensitivity to CLK bus noise when the device is not being programmed.
When CSb is high (> VIH), the CLK input is disabled and serial data (DATA) is not clocked into the shift register. It is recommended that CSb
be pulled high (>VIH) when the device is not being programmed.
Figure 67. Serial Register Timing Diagram
(Note the Timing Spec Intervals in Blue):
tH
tP
tCLS
tLC
tS
tCH
tCL
MSB
LSB
tLS
tL
tL
Time
CLK
DATA
CSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com