Electronic Components Datasheet Search
  English  ▼

X  

F4481 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # F4481
Description  DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4481 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button F4481 Datasheet HTML 32Page - Renesas Technology Corp F4481 Datasheet HTML 33Page - Renesas Technology Corp F4481 Datasheet HTML 34Page - Renesas Technology Corp F4481 Datasheet HTML 35Page - Renesas Technology Corp F4481 Datasheet HTML 36Page - Renesas Technology Corp F4481 Datasheet HTML 37Page - Renesas Technology Corp F4481 Datasheet HTML 38Page - Renesas Technology Corp F4481 Datasheet HTML 39Page - Renesas Technology Corp F4481 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
F4481 Datasheet
© 2020 Renesas Electronics Corporation
36
December 15, 2020
Table 10. SPI Timing Diagram Values for the Serial Mode
Parameter
Symbol
Test Condition
Minimum
Typical
Maximum
Units
CLK Frequency
fC
50
MHz
CLK High Duration Time
tCH
20
ns
CLK Low Duration Time
tCL
20
ns
DATA to CLK Setup Time
tS
10
ns
CLK Period [a]
tP
40
ns
CLK to DATA Hold Time
tH
10
ns
Final CLK Rising Edge to CSb Rising
Edge
tCLS
10
ns
CSb to CLK Setup Time
tLS
10
ns
CSb Trigger Pulse Width
tL
10
ns
CSb Trigger to CLK Setup Time [b]
tLC
10
ns
[a] (TCH + TCL) ≥ 1/FC
[b] Once all desired DATA is clocked in, tLC represents the time a CSb high needs to occur before any subsequent CLK signals.
Standby Mode Programming
Each channel of the F4481 can be placed into a standby mode via the dedicated Channel STBY pins (STBY_A, STBY_B, STBY_C, STBY_D);
for details, see the truth table shown in Table 11. Note that when a channel is disabled, the serial register for that channel will hold the last
enabled DSA state.
Table 11. STBY Logic Truth Table
Channel
STBY_X Pin Logic
Channel Power State
A
0
Channel A Standby (SPI still active)
1
Channel A Power On
B
0
Channel B Standby (SPI still active)
1
Channel B Power On
C
0
Channel C Standby (SPI still active)
1
Channel C Power On
D
0
Channel D Standby (SPI still active)
1
Channel D Power On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com