Electronic Components Datasheet Search
  English  ▼

X  

F4481 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # F4481
Description  DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4481 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button F4481 Datasheet HTML 30Page - Renesas Technology Corp F4481 Datasheet HTML 31Page - Renesas Technology Corp F4481 Datasheet HTML 32Page - Renesas Technology Corp F4481 Datasheet HTML 33Page - Renesas Technology Corp F4481 Datasheet HTML 34Page - Renesas Technology Corp F4481 Datasheet HTML 35Page - Renesas Technology Corp F4481 Datasheet HTML 36Page - Renesas Technology Corp F4481 Datasheet HTML 37Page - Renesas Technology Corp F4481 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
F4481 Datasheet
© 2020 Renesas Electronics Corporation
34
December 15, 2020
Table 9.
DVGA Attenuation Word Truth Table
Attenuation
Setting
Reserve
Control Bits
D7
D6
D5
D4
D3
D2
D1
D0
0.0 dB
X
X
0
0
0
0
0
0
0.5 dB
X
X
0
0
0
0
0
1
1.0 dB
X
X
0
0
0
0
1
0
2.0 dB
X
X
0
0
0
1
0
0
4.0 dB
X
X
0
0
1
0
0
0
8.0 dB
X
X
0
1
0
0
0
0
16.0 dB
X
X
1
0
0
0
0
0
31.5 dB
X
X
1
1
1
1
1
1
It should also be noted that the listing above represents an abbreviated version of the complete 6-bit attenuator control truth table. Any attenuator
combination of 0.5dB, 1dB, 2dB, 4dB, 8dB, and 16dB can be achieved by simply assigning a logic HIGH in the respective control bit. For
instance, to achieve an attenuation setting of 21.5dB within a given channel, assign a logic HIGH to bits D0, D1, D3, and D5 while assigning a
logic LOW to bits D2 and D4. Doing so selects a combination of 0.5dB (D0) + 1dB (D1) + 4dB (D3) + 16dB (D5) = 21.5dB. Setting all of the
control bits to logic HIGH will step in all of the attenuator stages.
Serial Mode Default Condition
When the device is first powered on, each channel’s DSA will default to its Maximum Attenuation setting as shown below in Figure 65. These
settings apply to a hard reset when first applying VCC.
Figure 65. Serial Mode Default Condition upon Initial Power-Up
D6
D7
D5
D1
D4
D2
D3
D0
All Channels
Set With
31.5dB Attenuation
Channel B D7 – D0 Register Defaults
D6
D7
D5
D1
D4
D2
D3
D0
Channel A D7 – D0 Register Defaults
Channel C D7 – D0 Register Defaults
D6
D7
D5
D1
D4
D2
D3
D0
Channel D D7 – D0 Register Defaults
D6
D7
D5
D1
D4
D2
D3
D0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com