Electronic Components Datasheet Search
  English  ▼

X  

F4481 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # F4481
Description  DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4481 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button F4481 Datasheet HTML 7Page - Renesas Technology Corp F4481 Datasheet HTML 8Page - Renesas Technology Corp F4481 Datasheet HTML 9Page - Renesas Technology Corp F4481 Datasheet HTML 10Page - Renesas Technology Corp F4481 Datasheet HTML 11Page - Renesas Technology Corp F4481 Datasheet HTML 12Page - Renesas Technology Corp F4481 Datasheet HTML 13Page - Renesas Technology Corp F4481 Datasheet HTML 14Page - Renesas Technology Corp F4481 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
F4481 Datasheet
© 2020 Renesas Electronics Corporation
11
December 15, 2020
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Adjacent State Attenuator Glitching
ATTNG
DSA step: 5.5dB to 6dB.
0.8
dB
DSA step: 6dB to 5.5dB.
0.9
DSA step: 11.5dB to 12dB.
1.5
DSA step: 12dB to 11.5dB.
1
DSA step: 17.5dB to 18dB.
1.2
DSA step: 18dB to 17.5dB.
0.8
DSA step: 23.5dB to 24dB.
1.3
DSA step: 24dB to 23.5dB.
0.8
DSA step: 29.5dB to 30dB.
0.5
DSA step: 30dB to 29.5dB.
1
All Other 0.5dB DSA steps.
0.6
All Other 2dB DSA steps.
1
Common Mode Rejection
CMR
fRF = 450MHz to 650MHz
30
dB
fRF = 400MHz to 1100MHz
20
Amplitude Imbalance
IMBALAMP
Measures RFIN- to RFOUT
and compares RFOUT to
RFIN+ amplitude.
1
dB
Phase Imbalance
IMBALPH
Measures RFIN- to RFOUT
and compares RFOUT to
RFIN+ phase. Deviation is
from ideal 180 degrees.
5
deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com