Electronic Components Datasheet Search
  English  ▼

X  

F4481 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # F4481
Description  DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4481 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button F4481 Datasheet HTML 10Page - Renesas Technology Corp F4481 Datasheet HTML 11Page - Renesas Technology Corp F4481 Datasheet HTML 12Page - Renesas Technology Corp F4481 Datasheet HTML 13Page - Renesas Technology Corp F4481 Datasheet HTML 14Page - Renesas Technology Corp F4481 Datasheet HTML 15Page - Renesas Technology Corp F4481 Datasheet HTML 16Page - Renesas Technology Corp F4481 Datasheet HTML 17Page - Renesas Technology Corp F4481 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
F4481 Datasheet
© 2020 Renesas Electronics Corporation
14
December 15, 2020
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Intra-die Channel-to-Channel
Differences in Group Delay
τA
- τB
Worst case difference in
Group Delay for any 2dB step
over the 0dB to 30dB
attenuation range (with
channels A and B both set to
identical DSA attenuation
levels).
0.02
ns
Cross Channel Group Delay in
Passband vs. Channel Group Delay
in Passband
τXCHANNEL - τ
fRF = 400MHz
to 500MHz
Worst case
cross-
channel
leakage
combinations
(A to B) - B;
(B to A) - A;
(B to C) - C;
(C to B) - B;
(C to D) - D;
(D to C) - C
DSA = 0dB
2
ns
DSA = 14dB
2
DSA = 28dB
2
Step Error (DNL)
ERRORSTEP
Maximum error between
adjacent steps.
+0.16 /-0.26
dB
Maximum Absolute Error (INL) [c]
ERRORABS
Over attenuation range
referenced to maximum gain
state.
± 0.8
dB
Phase Shift Over Any 5ºC
Temperature Change Over the
-40ºC to 105ºC Range
ΦΔTemp @ 0dB
DSA = 0dB
0.6
deg
ΦΔTemp @ 14dB DSA = 14dB
0.3
ΦΔTemp @ 28dB DSA = 28dB
0.3
Phase Shift Between Startups
ΦON-OFF-ON
Channel A or Channel B
Phase Shifts. Measuring “On
State” phase shifts occurring
over time as the device is
powered on/off via STBY
mode or via PORs (power-on
resets).
2
deg
[ΦA – ΦB] ON-
OFF-ON
Channel A - Channel B Phase
Shifts. Measuring “On State”
phase shifts occurring over
time as the device is powered
on/off via STBY mode or via
PORs (power-on resets).
10
Phase Shift Between Any 2dB Step
Φ2dB Step
Worst case, any 2dB step.
+0.15 / -0.7
deg
Phase Shift Between Any 8dB Step
Φ8dB Step
Worst case, any 8dB step.
4
deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com