Electronic Components Datasheet Search
  English  ▼

X  

EM4095 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM4095
Description  Read/Write analog front end for 125kHz RFID Basestation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4095 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM4095 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
EM4095
Copyright
 2002, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
Electrical and Switching Characteristics:
Parameters specified below are valid only in case the device is used according to Operating Conditions defined on previous
page.
VSS=DVSS=0V, VDD =DVDD = 5V, Tj = -40 to 110°C, unless otherwise specified
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply current in sleep mode
I
DDsleep
12
µA
Supply current excluding drivers
current
I
DDon
57
mA
AGND level
V
AGND
Note 1
2.35
2.5
2.65
V
Logic signals SHD, MOD,
DEMOD_OUT
Input logic high
V
IH
0.8VDD
V
Input logic low
V
IL
0.2VDD
V
Output logic high
V
OH
I
SOURCE=1mA
0.9VDD
V
Output logic low
V
OL
I
SINK=1mA
0.1VDD
V
MOD pull down resistor
R
PD
0.2VDD
20
50
90
k
Ω
SHD pull up resistor
R
PU
0.8VDD
20
50
90
k
Ω
PLL
Antenna capture frequency range
F
ANT_C
100
150
kHz
Antenna locking frequency range
F
ANT_L
100
150
kHz
Drivers
ANT drivers output resistance
R
AD
I
ANT=100mA
3
9
Ω
RDY/CLK driver output resistance
R
CL
I
RDY/CLK=10mA
12
36
Ω
AM demodulation
DEMOD_IN common mode range
V
CM
VSS + 0.5
VDD - 0.5
V
DEMOD_IN input sensitivity
Vsense
Note 2
0.85
2
mVpp
Note 1: AGND is a EM4095 internal reference point. Any external connection except specified capacitor to VSS may lead to
device malfunction.
Note 2: Modulating signal 2Khz square wave on 125 kHz carrier, total signal inside V
CM
Vsense



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com