Electronic Components Datasheet Search
  English  ▼

X  

EM4095 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM4095
Description  Read/Write analog front end for 125kHz RFID Basestation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4095 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM4095 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EM4095
Copyright
 2002, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
Read/Write analog front end for 125kHz RFID Basestation
Description
The EM4095 (previously named P4095) chip is a CMOS
integrated transceiver circuit intended for use in an RFID
basestation to perform the following functions:
-
antenna driving with carrier frequency
-
AM modulation of the field for writable transponder
-
AM demodulation of the antenna signal modulation
induced by the transponder
communicate with a microprocessor via simple interface.
Features
Integrated PLL system to achieve self adaptive
carrier frequency to antenna resonant frequency
No external quartz required
100 to 150 kHz carrier frequency range
Direct antenna driving using bridge drivers
Data transmission by OOK (100% Amplitude
Modulation) using bridge driver
Data transmission by Amplitude Modulation with
externally adjustable modulation index using single
ended driver
Multiple transponder protocol compatibility
(Ex: EM400X, EM4050, EM4150, EM4070, EM4170,
EM4069….)
Sleep mode 1µA
USB compatible power supply range
40 to +85°C temperature range
Small outline plastic package SO16
Applications
Car immobiliser
Hand held reader
Low cost reader
Typical Operating Configuration
Read Only Mode
µP
+5V
L
A
C
DV1
C
DV2
C
RES
P4095
2
3
4
5
6
7
8
1
15
14
13
12
11
10
9
16
+5V
RDY/CLK
C
DEC
C
AGND
MOD
DEMOD_OUT
SHD
C
DC2
C
FCAP
Fig. 1
Read/Write Mode
µP
+5V
L
A
C
DV1
C
DV2
C
RES
C
DEC
C
AGND
P4095
2
3
4
5
6
7
8
1
15
14
13
12
11
10
9
16
+5V
MOD
DEMOD_OUT
SHD
C
DC2
C
FCAP
RDY/CLK
Fig. 2
Pin Assignment
SO16
VSS
RDY/CLK
ANT1
DVDD
DVSS
ANT2
DC2
FCAP
SHD
DEMOD_OUT
MOD
AGND
VDD
CDEC_IN
DEMOD_IN
CDEC_OUT
Fig. 3
EM MICROELECTRONIC - MARIN SA
EM4095
EM4095


Similar Part No. - EM4095

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4094 EMMICRO-EM4094 Datasheet
74Kb / 1P
Analog Front End Integrated Circuit for 13.56Mhz RFID Base Station
More results

Similar Description - EM4095

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCRF450 MICROCHIP-MCRF450 Datasheet
1Mb / 50P
13.56 MHz Read/Write Passive RFID Device
2003
logo
List of Unclassifed Man...
MLX90109 ETC-MLX90109 Datasheet
143Kb / 9P
125kHz RFID Integrated Transceiver
logo
EM Microelectronic - MA...
EM4094 EMMICRO-EM4094 Datasheet
74Kb / 1P
Analog Front End Integrated Circuit for 13.56Mhz RFID Base Station
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
125kHz CRYPTO READ/WRITE Contactless Identification Device
logo
Melexis Microelectronic...
MLX90109 MELEXIS-MLX90109_06 Datasheet
256Kb / 15P
125kHz RFID Transceiver
logo
ATMEL Corporation
ATA5577M1330C-PPMY ATMEL-ATA5577M1330C-PPMY_14 Datasheet
292Kb / 8P
Read/Write LF RFID IDIC Transponder 125KHz
logo
Melexis Microelectronic...
MLX90109 MELEXIS-MLX90109_12 Datasheet
300Kb / 16P
125kHz RFID Transceiver
DVK90109 MELEXIS-DVK90109 Datasheet
971Kb / 13P
125kHz RFID Development Kit
MLX90109 MELEXIS-MLX90109_17 Datasheet
917Kb / 17P
125kHz RFID Transceiver
logo
SparkFun Electronics
COM-14325 SPARKFUN-COM-14325 Datasheet
76Kb / 1P
RFID Tag (125kHz)
6-20-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com