Electronic Components Datasheet Search
  English  ▼

X  

EM4095 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # EM4095
Description  Read/Write analog front end for 125kHz RFID Basestation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4095 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

Back Button EM4095 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 10Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
EM4095
Copyright
 2002, EM Microelectronic-Marin SA
8
www.emmicroelectronic.com
Read Only mode with external peak detector
µP
+5V
L
A
C
DV1
C
DV2
C
RES
P4095
2
3
4
5
6
7
8
1
15
14
13
12
11
10
9
16
+5V
RDY/CLK
D1
R1
C1
C
DEC
C
AGND
MOD
DEMOD_OUT
SHD
C
DC2
C
FCAP
Fig. 10
Read/Write mode with external peak detector
µP
+5V
L
A
C
DV1
C
DV2
C
RES
C
DEC
P4095
2
3
4
5
6
7
8
1
15
14
13
12
11
10
9
16
+5V
RDY/CLK
D1
R1
C1
C
AGND
MOD
DEMOD_OUT
SHD
C
DC2
C
FCAP
Fig. 11
As mentioned above for high Q antennas the voltage on
antenna is high and read sensitivity is limited by
demodulator sensitivity due to capacitive divider. Read
sensitivity (and thus reading range) can be increased by
using external envelope detector circuit. Input is taken on
antenna high voltage side output is directly fed to
CDEC_IN pin. However, the capacitor divider is still
needed for PLL locking. Such configuration is shown in
figure 5, the envelope detector is formed by three
components: D1, R1 and C1.
The configuration presented in figure 9 may also be used
for read write applications but it has a drawback in the
case
fast
recovery
of
reading
is
needed
after
communication reader to transponder is finished. The
reason is in fact that DC voltage after diode D1 is lost
during modulation and it takes very long time before it is
established again.
Figure 10 presents a solution to that problem. A high
voltage NMOS transistor blocks the discharge path during
modulation, so operating point is preserved. The signal
controlling NMOS gate has to be put low synchronously
with signal MOD, but it can be put high only after the
amplitude on antenna has recovered after modulation.
PCB Layout
Refer to "EM4095 Application Note" (App. Note 404)
EM4095
EM4095



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com