Electronic Components Datasheet Search
  English  ▼

X  

EM4095 Datasheet(PDF) 10 Page - EM Microelectronic - MARIN SA

Part # EM4095
Description  Read/Write analog front end for 125kHz RFID Basestation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4095 Datasheet(HTML) 10 Page - EM Microelectronic - MARIN SA

Back Button EM4095 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 10Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
EM4095
Copyright
 2002, EM Microelectronic-Marin SA
10
www.emmicroelectronic.com
Appendix
Equations
Antenna resonant frequency f0:
f
LC
A
0
0
1
2
=
π
(1)
Where C0 is resonant capacitor composed of CRES, CDV1
and CDV2:
CC
CC
CC
RES
DV
DV
DV
DV
0
12
12
=+
∗
+
(2)
Usually antenna coil is specified by its inductance (LA) and
Q factor (QA). Serial resistance of antenna is defined by
following equation:
R
fL
Q
ANT
A
A
=
2
0
π
(3)
The equations which follow are valid for bridge
configuration as defined on Figures 1, 2 and 3. For figures
1 and 2 RSER has to be considered 0.
The AC current amplitude at resonant frequency is
defined as follows:
I
VV
RR
R
ANT
dd
ss
ANT
SER
AD
=
−
++
4
2
π
(4)
RMS antenna current (important for power dissipation
calculation):
I
I
RMS
ANT
=
2
(5)
Peak to peak voltage on antenna is defined by following
equation:
0
0C
f
I
V
ANT
ANTpp
π
=
(6)
To ensure correct operation of the AM demodulation
chain, the AC peak to peak voltage on DEMOD_IN pin
(VDMOD_INpp) has to be inside common mode range. Once
peak to peak voltage on antenna is known the capacitor
divider division factor can be calculated:
2
1
1
_
DV
DV
DV
ANTpp
INpp
DMOD
C
C
C
V
V
+
=
(7)
Power dissipation is composed of power dissipated on
ANT drivers and internal power consumption:
()
PI
R
I
V
V
RMS
AD
DDon
DD
SS
=⋅
⋅
+
−
2
2
(7)
Temperature increase of die due to power dissipation is:
Th
R
P
T
⋅
=
∆
(8)
Where RTh is Package thermal resistor.
© EM Microelectronic-Marin SA, 07/02, Rev. Ê/490
EM Microelectronic-Marin SA cannot assume responsibility for use of any circuitry described other than circuitry
entirely embodied in an EM Microelectronic-Marin SA product. EM Microelectronic-Marin SA reserves the right to
change the circuitry and specifications without notice at any time. You are strongly urged to ensure that the
information given has not been superseded by a more up-to-date version.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com