Electronic Components Datasheet Search
  English  ▼

X  

EM4095 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # EM4095
Description  Read/Write analog front end for 125kHz RFID Basestation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4095 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  EM4095 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EM4095
Copyright
 2002, EM Microelectronic-Marin SA
3
www.emmicroelectronic.com
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Storage temperature
T
STO
-55 to +150°C
Maximum voltage at VDD
V
DDmax
VSS+6V
Minimum voltage at VDD
V
DDmin
VSS -0.3V
Max. voltage other pads
V
MAX
VDD +0.3V
Min. voltage other pads
V
MIN
VSS -0.3V
Max. junction temperature
T
JMAX
+125°C
Electrostatic discharge max.
to MIL-STD-883C method
3015 against VSS
V
ESD
4000V
Electrostatic discharge max.
to MIL-STD-883C method
3015 (only for pins ANT1
and ANT2) against VSS
V
ESD_ANT
10000V
Maximum Input/Output
current on all pads except
VDD, VSS, DVDD, DVSS,
ANT1, ANT2, RDY/CLK
I
IMAX
I
OMAX
10mA
Maximum AC peak current
on ANT1 and ANT2 pads
100 kHz duty cycle 50%
I
ANTmax
300mA
Stresses above these listed maximum ratings may cause
permanent damages to the device. Exposure beyond
specified operating conditions may affect device reliability
or cause malfunction.
Handling Procedures
This device has built-in protection against high static
voltages or electric fields; however, anti-static precautions
must be taken as for any other CMOS component. Unless
otherwise specified, proper operation can only occur when
all terminal voltages are kept within the voltage range.
Unused inputs must always be tied to a defined logic
voltage level.
Operating Conditions
Parameter
Symb Min
Typ
Max
Units
Operating junction
temperature
T
J
-40
+110
°C
Supply voltage
V
DD
4.1
5
5.5
V
Antenna circuit
resonant frequency
F
RES
100
125
150
kHz
AC peak current on
ANT1 & ANT2 pads
I
ANT
250
mA
CFCAP
*10
*
nF
CDEC
*
100
*
nF
CDC2
*6.80
*
nF
CAGND
100
220
nF
Package thermal
resistor SO16
Rth j-a
69
70
71
°C/W
* ±10% tolerance capacitors should be used
** According to 1S2P JEDEC test board
Due to antenna driver current the internal junction temperature is
higher than ambient temperature. Please calculate ambient
temperature range from max. antenna current and package
Thermal Resistor. It is the user's responsibility to guarantee that
TJ remains below 110°C.
Supply voltage (V
DD and DVDD pads) must be blocked by a 100nF
capacitor (to V
SS) as close as possible to the chip



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com