Electronic Components Datasheet Search
  English  ▼

X  

EM4095 Datasheet(PDF) 9 Page - EM Microelectronic - MARIN SA

Part # EM4095
Description  Read/Write analog front end for 125kHz RFID Basestation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4095 Datasheet(HTML) 9 Page - EM Microelectronic - MARIN SA

Back Button EM4095 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 10Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
EM4095
Copyright
 2002, EM Microelectronic-Marin SA
9
www.emmicroelectronic.com
Pin Description
SOIC 16 package
Pin
Name
Description
Type
1
VSS
Negative power supply (substrate)
GND
2
RDY/CLK
Ready flag and clock output, driver for AM modulation
O
3
ANT1
Antenna driver
O
4
DVDD
Positive power supply for antenna drivers
PWR
5
DVSS
Negative power supply for antenna drivers
GND
6
ANT2
Antenna driver
O
7
VDD
Positive power supply
PWR
8
DEMOD_IN
Antenna sensing voltage
ANA
9
CDEC_OUT
DC blocking capacitor connection « out »
ANA
10
CDEC_IN
DC blocking capacitor connection « in »
ANA
11
AGND
Analog ground
ANA
12
MOD
A High level voltage modulates the antenna
IPD
13
DEMOD_OUT
Digital signal representing the AM seen on the antenna
O
14
SHD
A High level voltage forces the circuit into sleep mode
IPU
15
FCAP
PLL Loop filter capacitor
ANA
16
DC2
DC decoupling capacitor
ANA
GND:
reference ground
PWR:
power supply
ANA:
analog signal
IPD:
input with internal pull down
IPU:
input with internal pull up
O:
output
Package and Ordering Information
Dimensions of SOIC 16 Package (table in millimeters)
Common Dimensions (mm)
Symbol
Min
Nom
Max
A
1.55
1.63
1.73
A1
0.127
0.15
0.25
B
0.35
0.41
0.49
C
0.19
0.20
0.25
D
9.80
9.93
9.98
E
3.81
3.94
3.99
H
5.84
5.99
6.20
L
0.41
0.64
0.89
Fig. 12
Ordering Information
Please make sure to give the complete part number when ordering.
The EM4095 is available in the following package:
Part Number
Package
Delivery
Form
EM4095HMSO16A
SOIC 16 package
stick
Product Support
Check our Web Site under Products/RF Identification section.
Questions can be sent to cid@emmicroelectronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com