Electronic Components Datasheet Search
  English  ▼

X  

ADC3583 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3583
Description  ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3583 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC3583 Datasheet HTML 2Page - Texas Instruments ADC3583 Datasheet HTML 3Page - Texas Instruments ADC3583 Datasheet HTML 4Page - Texas Instruments ADC3583 Datasheet HTML 5Page - Texas Instruments ADC3583 Datasheet HTML 6Page - Texas Instruments ADC3583 Datasheet HTML 7Page - Texas Instruments ADC3583 Datasheet HTML 8Page - Texas Instruments ADC3583 Datasheet HTML 9Page - Texas Instruments ADC3583 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
6.5 Electrical Characteristics - Power Consumption
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to
TMAX = 105°C, ADC sampling rate = 65 MSPS, 50% clock duty cycle, AVDD = IOVDD = 1.8 V, external 1.6 V reference, and
–1-dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC3581: 10 MSPS
IAVDD
Analog supply current
External reference
17
mA
IIOVDD
I/O supply current
SLVDS 1-wire
19
PDIS
Power dissipation
External reference, 1-wire
76
mW
IIOVDD
I/O supply current
1-wire, 1/2-swing
14
mA
2-wire
24
4x real decimation, 1-wire
21
ADC3582: 25 MSPS
IAVDD
Analog supply current
External reference
20
mA
IIOVDD
I/O supply current
SLVDS 1-wire
21
PDIS
Power dissipation
External reference, 1-wire
83
mW
IIOVDD
I/O supply current
SLVDS 1-wire, 1/2-swing
15
mA
SLVDS 2-wire
25
4x real decimation, 1-wire
24
ADC3583: 65 MSPS
IAVDD
Analog supply current
External reference
40
53
mA
IIOVDD
I/O supply current
SLVDS 2-wire
28
43
PDIS
Power dissipation
External reference, 2-wire
122
173
mW
IIOVDD
I/O supply current
2-wire, 1/2-swing
21
mA
4x real decimation, 1-wire
29
16x real decimation, 1-wire
26
4x complex decimation, 1-wire
32
16x complex decimation, 1-wire
28
MISCELLANEOUS
IAVDD
Internal reference, additional analog
supply current
3
mA
External 1.2V reference (REFBUF),
additional analog supply current
0.3
Single ended clock input, reduces
analog supply current by
Enabled via SPI
0.7
PDIS
Power consumption in global power
down mode
Default mask settings, internal
reference
5
mW
Default mask settings, external
reference
9
ADC3583
SBAS873 – FEBRUARY 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ADC3583



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com