Electronic Components Datasheet Search
  English  ▼

X  

ADC3583 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3583
Description  ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3583 Datasheet(HTML) 1 Page - Texas Instruments

  ADC3583 Datasheet HTML 1Page - Texas Instruments ADC3583 Datasheet HTML 2Page - Texas Instruments ADC3583 Datasheet HTML 3Page - Texas Instruments ADC3583 Datasheet HTML 4Page - Texas Instruments ADC3583 Datasheet HTML 5Page - Texas Instruments ADC3583 Datasheet HTML 6Page - Texas Instruments ADC3583 Datasheet HTML 7Page - Texas Instruments ADC3583 Datasheet HTML 8Page - Texas Instruments ADC3583 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
1 Features
• 18-bit 10/25/65 MSPS ADC
• Noise Floor: -160 dBFS/Hz
• Ultra Low Power with Optimized Power Scaling:
76 mW (10 MSPS) to 119 mW (65 MSPS)
• Latency: 1 clock cycle (1-wire SLVDS)
• Specified 18-bit, no missing codes
• INL/DNL: ±7/ ±0.7 LSB (typ)
• Reference: External or Internal
• Input Bandwidth: 900 MHz (3dB)
• Industrial Temperature Range: -40 to +105°C
• On-chip digital filter (optional)
– Decimation by 2, 4, 8, 16, 32
– 32-bit NCO
• Serial LVDS digital interface (2-, 1- and 1/2-wire)
• Small Footprint: 40-WQFN (5x5 mm) Package
• Spectral Performance (fIN = 1 MHz):
– SNR: 84.5 dBFS
– SFDR: 95 dBc HD2, HD3
– SFDR: 100 dBFS Worst Spur
• Spectral Performance (fIN = 20 MHz):
– SNR: 83.5 dBFS
– SFDR: 90 dBc HD2, HD3
– SFDR: 95 dBFS Worst Spur
2 Applications
• High-Speed Data Acquisition
• Industrial Monitoring
• Software Defined Radio
• Power Quality Analyzer
• Source Measurement Unit (SMU)
• Communications Infrastructure
• Spectrum Analyzer
• Control Loops
• Instrumentation
• Imaging
• Spectroscopy
• Radar
• Sonar
3 Description
The ADC358x is a low noise, ultra-low power 18-bit
65 MSPS high-speed ADC family. Designed for lowest
noise performance, it delivers a noise spectral density
of -160 dBFS/Hz combined with excellent linearity and
dynamic range. The ADC358x offers very good DC
precision together with IF sampling support which
makes it ideally suited for a wide range of
applications. High-speed control loops benefit from
the short latency as low as only 1 clock cycle. The
ADC consumes only 119 mW at 65 Msps and its
power consumption scales very well with lower
sampling rates.
The ADC358x uses a serial LVDS (SLVDS) interface
to output the data which minimizes the number of
digital interconnects. The device supports a one-lane
and two-lane option. The ADC358x is a pin to pin
compatible family with different speed grades. It
comes in a 40-pin QFN package (5x5mm) and
supports the extended industrial temperature range
from -40 to +105⁰C.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
ADC3583
WQFN (40)
5.00 x 5.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Device Comparison
PART NUMBER
RESOLUTION
SAMPLING RATE
ADC3583
18 BIT
65 MSPS
ADC3582(1)
18 BIT
25 MSPS
ADC3581(1)
18 BIT
10 MSPS
(1)
Product Preview
FFT: Fs = 65 MSPS, Fin = 5 MHz
www.ti.com
ADC3583
SBAS873 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: ADC3583
ADC3583
SBAS873 – FEBRUARY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - ADC3583

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3583 TI-ADC3583 Datasheet
5Mb / 85P
ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
REVISED OCTOBER 2022
ADC3583IRSBR TI-ADC3583IRSBR Datasheet
5Mb / 85P
ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
REVISED OCTOBER 2022
ADC3583IRSBT TI-ADC3583IRSBT Datasheet
5Mb / 85P
ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
REVISED OCTOBER 2022
More results

Similar Description - ADC3583

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3683 TI-ADC3683 Datasheet
4Mb / 73P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
ADC3563 TI-ADC3563 Datasheet
4Mb / 75P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
ADC3563 TI-ADC3563_V01 Datasheet
4Mb / 74P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
ADC3683 TI-ADC3683_V01 Datasheet
4Mb / 75P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
ADC3682 TI-ADC3682 Datasheet
4Mb / 75P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
DECEMBER 2021
ADC3541 TI-ADC3541_V01 Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
APRIL 2022
ADC3561 TI-ADC3561 Datasheet
5Mb / 85P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
REVISED OCTOBER 2022
ADC3581 TI-ADC3581 Datasheet
5Mb / 85P
ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
REVISED OCTOBER 2022
ADC3681 TI-ADC3681 Datasheet
5Mb / 85P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
REVISED OCTOBER 2022
ADC3541 TI-ADC3541_V02 Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com