Electronic Components Datasheet Search
  English  ▼

X  

ADC3583 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3583
Description  ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3583 Datasheet(HTML) 3 Page - Texas Instruments

  ADC3583 Datasheet HTML 1Page - Texas Instruments ADC3583 Datasheet HTML 2Page - Texas Instruments ADC3583 Datasheet HTML 3Page - Texas Instruments ADC3583 Datasheet HTML 4Page - Texas Instruments ADC3583 Datasheet HTML 5Page - Texas Instruments ADC3583 Datasheet HTML 6Page - Texas Instruments ADC3583 Datasheet HTML 7Page - Texas Instruments ADC3583 Datasheet HTML 8Page - Texas Instruments ADC3583 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 75 page
background image
5 Pin Configuration and Functions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
30
29
28
27
26
25
24
23
22
21
40
39
38
37
36
35
34
33
32
31
PDN/SYNC
VREF
REFGND
REFBUF
AVDD
CLKP
CLKM
VCM
RESET
SDIO
IOVDD
IOVDD
FCLKM
FCLKP
NC
IOGND
DCLKINP
DCLKINM
DCLKP
DCLKM
GND PAD (backside)
Figure 5-1. RSB Package, 40-Pin WQFN, Top View
Table 5-1. Pin Descriptions
PIN
I/O
Description
Name
No.
INPUT/REFERENCE
AINP
12
I
Positive analog input, channel A
AINM
13
I
Negative analog input, channel A
VCM
8
O
Common-mode voltage output for the analog inputs, 0.95V
VREF
2
I
External voltage reference input, 1.6V
REFBUF
4
I
1.2V external voltage reference input for use with internal reference buffer. Internal 100 kΩ
pull-up resistor to AVDD. This pin is also used to configure default operating conditions.
REFGND
3
I
Reference ground input
CLOCK
CLKP
6
I
Positive differential sampling clock input for the ADC
CLKM
7
I
Negative differential sampling clock input for the ADC
CONFIGURATION
PDN/SYNC
1
I
Power down/Synchronization input. This pin can be configured via the SPI interface. Active
high. This pin has an internal 21 kΩ pull-down resistor.
RESET
9
I
Hardware reset. Active high. This pin has an internal 21 kΩ pull-down resistor.
SEN
16
I
Serial interface enable. Active low. This pin has an internal 21 kΩ pull-up resistor to AVDD.
SCLK
35
I
Serial interface clock input. This pin has an internal 21 kΩ pull-down resistor.
www.ti.com
ADC3583
SBAS873 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ADC3583



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com