Electronic Components Datasheet Search
  English  ▼

X  

ADC3583 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3583
Description  ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3583 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADC3583 Datasheet HTML 20Page - Texas Instruments ADC3583 Datasheet HTML 21Page - Texas Instruments ADC3583 Datasheet HTML 22Page - Texas Instruments ADC3583 Datasheet HTML 23Page - Texas Instruments ADC3583 Datasheet HTML 24Page - Texas Instruments ADC3583 Datasheet HTML 25Page - Texas Instruments ADC3583 Datasheet HTML 26Page - Texas Instruments ADC3583 Datasheet HTML 27Page - Texas Instruments ADC3583 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
8.3.1.2 Analog Front End Design
The ADC358x is an unbuffered ADC and thus a passive kick-back filter is recommended to absorb the glitch
from the sampling operation. Depending on if the input is driven by a balun or a differential amplifier with low
output impedance, a termination network may be needed. Additionally a passive DC bias circuit is needed in AC-
coupled applications which can be combined with the termination network.
8.3.1.2.1 Sampling Glitch Filter Design
The front end sampling glitch filter is designed to optimize the SNR and HD3 performance of the ADC. The filter
performance is dependent on input frequency and therefore the following filter designs are recommended for
different input frequency ranges as shown in Figure 8-4 and Figure 8-5.
100 pF
33
10
33
10
180nH
180nH
Termination
Figure 8-4. Sampling glitch filter example for input frequencies from DC to 30 MHz
Termination
82 pF
33
10
10
120nH
100pF
33
120nH
100pF
Figure 8-5. Sampling glitch filter example for input frequencies from 30 to 70 MHz
ADC3583
SBAS873 – FEBRUARY 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ADC3583



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com