Electronic Components Datasheet Search
  English  ▼

X  

ADC3583 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3583
Description  ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3583 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC3583 Datasheet HTML 7Page - Texas Instruments ADC3583 Datasheet HTML 8Page - Texas Instruments ADC3583 Datasheet HTML 9Page - Texas Instruments ADC3583 Datasheet HTML 10Page - Texas Instruments ADC3583 Datasheet HTML 11Page - Texas Instruments ADC3583 Datasheet HTML 12Page - Texas Instruments ADC3583 Datasheet HTML 13Page - Texas Instruments ADC3583 Datasheet HTML 14Page - Texas Instruments ADC3583 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to
TMAX = 105°C, ADC sampling rate = 65 MSPS, 50% clock duty cycle, AVDD = IOVDD = 1.8 V, 1.6 V external reference, and
–1-dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC3583 - 65 MSPS:
NSD
Noise Spectral Density
fIN = 1.1 MHz, AIN = –20 dBFS
–160
dBFS/Hz
SNR
Signal to noise ratio
fIN = 1.1 MHz, AIN = –20 dBFS
84.8
dBFS
fIN = 1.1 MHz
84.2
fIN = 5 MHz
81.0
83.8
fIN = 10 MHz
83.6
fIN = 20 MHz
82.6
fIN = 40 MHz
81.0
fIN = 70 MHz
77.3
SINAD
Signal to noise and
distortion ratio
fIN = 1.1 MHz
80.0
dBFS
fIN = 5 MHz
82.7
fIN = 10 MHz
82.7
fIN = 20 MHz
80.2
fIN = 40 MHz
78.7
fIN = 70 MHz
75.8
ENOB
Effective number of bits
fIN = 1.1 MHz
13.7
bits
fIN = 5 MHz
13.6
fIN = 10 MHz
13.6
fIN = 20 MHz
13.4
fIN = 40 MHz
3.2
fIN = 70 MHz
12.5
THD
Total Harmonic Distortion
(First five harmonics)
fIN = 1.1 MHz
81
dBc
fIN = 5 MHz
80.5
88
fIN = 10 MHz
89
fIN = 20 MHz
83
fIN = 40 MHz
82
fIN = 70 MHz
80
SFDR
Spur free dynamic range
including second and third
harmonic distortion
fIN = 1.1 MHz
82
dBc
fIN = 5 MHz
81.5
89
fIN = 10 MHz
92
fIN = 20 MHz
85
fIN = 40 MHz
84
fIN = 70 MHz
82
Non HD2,3
Spur free dynamic range
(excluding HD2 and HD3)
fIN = 1.1 MHz
101
dBFS
fIN = 5 MHz
90
101
fIN = 10 MHz
100
fIN = 20 MHz
97
fIN = 40 MHz
91
fIN = 70 MHz
88
IMD3
Two tone inter-modulation
distortion
f1 = 10 MHz, f2 = 12 MHz, AIN = -7 dBFS/tone
90
dBc
f1 = 40 MHz, f2 = 45 MHz, AIN = -7 dBFS/tone
85
www.ti.com
ADC3583
SBAS873 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ADC3583



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com