Electronic Components Datasheet Search
  English  ▼

X  

PD69201 Datasheet(PDF) 18 Page - Microchip Technology

Part # PD69201
Description  1-Port PSE PoE Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69201 Datasheet(HTML) 18 Page - Microchip Technology

Back Button PD69201 Datasheet HTML 14Page - Microchip Technology PD69201 Datasheet HTML 15Page - Microchip Technology PD69201 Datasheet HTML 16Page - Microchip Technology PD69201 Datasheet HTML 17Page - Microchip Technology PD69201 Datasheet HTML 18Page - Microchip Technology PD69201 Datasheet HTML 19Page - Microchip Technology PD69201 Datasheet HTML 20Page - Microchip Technology PD69201 Datasheet HTML 21Page - Microchip Technology PD69201 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
4.
Package Specifications
This section provides the package drawing, RoHS and solder reflow information, and thermal specifications for the
PD69201 device.
The PD69201 package is a 3 mm × 4 mm, 10-pin DFN, as shown in the following illustration.
Figure 4-1. DFN Package
Dimensions do not include protrusions; these shall not exceed 0.155 mm (0.006”) on any side. Lead dimension shall
not include solder coverage.
Table 4-1. Package Dimensions
Dimension
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.80
1.00
0.031
0.039
A3
0.20 REF
0.008 REF
b
0.18
0.30
0.007
0.012
D
4.00 BSC
0.236 BSC
E
3.00 BSC
0.315 BSC
D2
3.30
3.5
0.130
0.138
E2
1.30
1.5
0.051
0.059
e
0.65 BSC
0.026 BSC
K
0.30
-
0.012
-
L
0.30
0.45
0.012
0.018
PD69201
Package Specifications
© 2021 Microchip Technology Inc.
Datasheet
DS00003454D-page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com