Electronic Components Datasheet Search
  English  ▼

X  

PD69201 Datasheet(PDF) 10 Page - Microchip Technology

Part # PD69201
Description  1-Port PSE PoE Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69201 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PD69201 Datasheet HTML 6Page - Microchip Technology PD69201 Datasheet HTML 7Page - Microchip Technology PD69201 Datasheet HTML 8Page - Microchip Technology PD69201 Datasheet HTML 9Page - Microchip Technology PD69201 Datasheet HTML 10Page - Microchip Technology PD69201 Datasheet HTML 11Page - Microchip Technology PD69201 Datasheet HTML 12Page - Microchip Technology PD69201 Datasheet HTML 13Page - Microchip Technology PD69201 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
1.2
Detection and Classification
The PD69201 signature detection is IEEE 802.3at-compliant. Pre-standard or legacy detection may also be enabled.
Detection is executed in three levels to guarantee power delivering to a valid PD.
Following a successful detection, the PD69201 generates two classification events per the IEEE 802.3at standard.
Figure 1-3. Detection and Classification
1.3
Port Start-Up
Upon successful detection and classification, power is applied via a controlled start-up mechanism.
As defined by IEEE 802.3at, during the startup period, the current is limited to 425 mA for a duration of 65 ms,
allowing the PD's capacitors to charge to the steady state power condition.
1.4
Over-Load and Short-Circuit Protection
After successful power-up, the PD69201 initializes its internal protection mechanism that monitors and disconnects
power from the port in cases of over-current or short circuit, as specified by IEEE 802.3af/at.
1.5
Maintain Power Signature (MPS)
The no-load function detects if a PD is still connected to the port by measuring the port current over time and
comparing it to current and time thresholds.
The MPS parmeters are fixed: TMPDO= 324 ms, TMPS= 48 ms, IMPS= 7.5 mA.
1.6
Over-Temperature Protection
A thermal sensor is located inside the PD69201.
In the case of an over-temperature event, the port will be turned off.
PD69201
Functional Descriptions
© 2021 Microchip Technology Inc.
Datasheet
DS00003454D-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com