Electronic Components Datasheet Search
  English  ▼

X  

PD69201 Datasheet(PDF) 25 Page - Microchip Technology

Part # PD69201
Description  1-Port PSE PoE Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69201 Datasheet(HTML) 25 Page - Microchip Technology

Back Button PD69201 Datasheet HTML 21Page - Microchip Technology PD69201 Datasheet HTML 22Page - Microchip Technology PD69201 Datasheet HTML 23Page - Microchip Technology PD69201 Datasheet HTML 24Page - Microchip Technology PD69201 Datasheet HTML 25Page - Microchip Technology PD69201 Datasheet HTML 26Page - Microchip Technology PD69201 Datasheet HTML 27Page - Microchip Technology PD69201 Datasheet HTML 28Page - Microchip Technology PD69201 Datasheet HTML 29Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
6.
Revision History
Revision
Date
Description
D
January 2021
The following is a summary of changes in revision D of this document.
• Added NPN transistor, 69.1 Ω resistor, and 4.7 μF capacitor to pin 7 in
Managed Application figure.
• Updated "DNIE_LD_ERR" to "LD_ERR" in I2C Commands table.
• Added "VMAIN voltage out of range or IC over temperature"/ "Blink 4
Hz" and "Idle" / "Pulse of 30 ms every 2 s" rows to LED table.
• Added resistor 69.1 Ω to NPN transistor in Option 2 figure.
• Changed "Power" column to "ILIM (typ)" column and updated values in
Power_set Pin table.
• Added MHz values for ICUT Enabled mode in Power_set Pin table.
• Updated "af/at" information in Current Limit Timing table.
• Added Recommended PCB Footprint section.
C
September 2020
The following is a summary of changes in revision C of this document.
• Updated the PD69201 Internal Block Diagram figure. For more
information, see Figure 1-1.
• Updated the figure and the table in the Reading Capability section.
For more inofrmation, see 1.1.3 Reading Capability.
• Updated the MODE Pin table. For more inofrmation, see Table 1-4.
B
September 2020
Updated LED details in Table 3-1.
A
May 2020
Initial Revision
PD69201
Revision History
© 2021 Microchip Technology Inc.
Datasheet
DS00003454D-page 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com