Electronic Components Datasheet Search
  English  ▼

X  

PD69201 Datasheet(PDF) 3 Page - Microchip Technology

Part # PD69201
Description  1-Port PSE PoE Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69201 Datasheet(HTML) 3 Page - Microchip Technology

  PD69201 Datasheet HTML 1Page - Microchip Technology PD69201 Datasheet HTML 2Page - Microchip Technology PD69201 Datasheet HTML 3Page - Microchip Technology PD69201 Datasheet HTML 4Page - Microchip Technology PD69201 Datasheet HTML 5Page - Microchip Technology PD69201 Datasheet HTML 6Page - Microchip Technology PD69201 Datasheet HTML 7Page - Microchip Technology PD69201 Datasheet HTML 8Page - Microchip Technology PD69201 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1.
Functional Descriptions
The PD69201 device has two major sections: a digital section that controls and monitors the logical PoE functions
(state machines, timings, and so on) and an analog section that performs the front-end analog PoE functionality.
The following illustration shows the internal functional blocks of the PD69201 device.
Figure 1-1. PD69201 Internal Block Diagram
Analog
Digital
ADC I/F
AIR (Analog
Interface)
VCM
X FSM
CRG
(CPU/Control
Registers)
Addr
Decoder
I2C Client
MCM
ALU
x / + –
Startup
Power
Calibration
Management Block
Detection
FSM
Startup
FSM
Ongoing
Logic
LC Logic
Error
MCM
Logic
ALU
Res Det
Class
Startup
RTP
PMU
(PoE Macro Unit)
LED
Control
Clock
and
Reset
Logic
Voltage Register
5 V
POR
CLK
A/D
Port Control Circuity
Analog
Measurement
Thermal
Protection
Voltage Generator for
Line Detection and
Classification
Controlled
Reference
Current Limiter
Sense Resistor
Power
MOSFET
clk_d
POR
EPAD
IREF
VPORT_NEG
Disable_port
VMAIN
DRV_VAUX5
I2C_SCL
I2C_SDA
SCL
SDA
1.1
I2C Communication
The PD69201 can be controlled via I2C bus, based on registers access. There are two I2C addresses that can be set
(0x20 or 0x21). I2C address is set by pin 8.
1.1.1
Features
• I2C Client mode only.
• Data rate: 0 kbps–100 kbps
• Broadcast address: 0x00
• Watchdog reset. Resets the block if I2C input clock halts for 0.5 s during a transaction.
• Host does not need to support I2C clock stretching.
PD69201
Functional Descriptions
© 2021 Microchip Technology Inc.
Datasheet
DS00003454D-page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com