Electronic Components Datasheet Search
  English  ▼

X  

PD69201 Datasheet(PDF) 6 Page - Microchip Technology

Part # PD69201
Description  1-Port PSE PoE Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69201 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PD69201 Datasheet HTML 2Page - Microchip Technology PD69201 Datasheet HTML 3Page - Microchip Technology PD69201 Datasheet HTML 4Page - Microchip Technology PD69201 Datasheet HTML 5Page - Microchip Technology PD69201 Datasheet HTML 6Page - Microchip Technology PD69201 Datasheet HTML 7Page - Microchip Technology PD69201 Datasheet HTML 8Page - Microchip Technology PD69201 Datasheet HTML 9Page - Microchip Technology PD69201 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
...........continued
Name
Address
Width
Field
Bits Type
Reset
Value
Description
VPORT_H
0x03
8
DATA
1:0
RO
The 2 ms bits of port voltage
reading (total 10 bits includes reg
0x02). Updated every 1 ms. Host
must first read VPORT_L, then
VPORT_H. Resolution: 58. 6 mV
per bit.
VALID
2
Clear
on
read
(COR)
0
VPORT measurement is valid.
1: Data was not read by the host.
0: Data was already read by the
host.
UDL_EVENT
3
R/W
0
Under-load indication
0: No event.
1: Event occurred.
This bit is not COR, and should
be cleared by the host.
OVT_EVENT
4
R/W
0
Over-temperature indication
0: No event.
1: Event occurred.
This bit is a real-time indication
(no latch).
OVL_EVENT
5
R/W
0
Over-load indication
0: No event.
1: Event occurred.
In AF modes, can also be set in
TLIM events.
This bit is not COR, and should
be cleared by the host.
SC_EVENT
6
R/W
0
Short circuit indication
0: No event.
1: Event occurred.
This bit is not COR, and should
be cleared by the host.
PD69201
Functional Descriptions
© 2021 Microchip Technology Inc.
Datasheet
DS00003454D-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com