Electronic Components Datasheet Search
  English  ▼

X  

PD69201 Datasheet(PDF) 15 Page - Microchip Technology

Part # PD69201
Description  1-Port PSE PoE Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69201 Datasheet(HTML) 15 Page - Microchip Technology

Back Button PD69201 Datasheet HTML 11Page - Microchip Technology PD69201 Datasheet HTML 12Page - Microchip Technology PD69201 Datasheet HTML 13Page - Microchip Technology PD69201 Datasheet HTML 14Page - Microchip Technology PD69201 Datasheet HTML 15Page - Microchip Technology PD69201 Datasheet HTML 16Page - Microchip Technology PD69201 Datasheet HTML 17Page - Microchip Technology PD69201 Datasheet HTML 18Page - Microchip Technology PD69201 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Table 2-6. Current Limit Timing
Parameter
Symbol
Test Conditions/
Comment
Typ.
Unit
Current Limit Timing
TLIM
4 W
64
ms
7 W
64
ms
10 W
64
ms
IEEE 802.3af Class 3
(15.4 W)
64
ms
20 W
12
ms
25 W
12
ms
IEEE 802.3at Class 4
(30 W)
7
ms
40 W
12
ms
Table 2-7. Over-Current Indication
Parameter
Symbol
Test
Conditions/
Comment
Min.
Typ.
Max.
Unit
ICUT_AT
ICUT
600
637
684
mA
ICUT_AF
ICUT
350
375
400
mA
Table 2-8. Main Power Switching FET
Parameter
Symbol
Test Conditions/
Comment
Min.
Typ.
Max.
Unit
Output
leakage
ILEAKAGE
At port off state. VPORT=
57 V
12
μA
Total channel
resistance
Ron = Rdson
+sense Res +
bonding
resistance
At port on state, at
IPORT= 0.1 A
0.44
0.7
Ω
PD69201
Electrical Specifications
© 2021 Microchip Technology Inc.
Datasheet
DS00003454D-page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com