Electronic Components Datasheet Search
  English  ▼

X  

PD69201 Datasheet(PDF) 1 Page - Microchip Technology

Part # PD69201
Description  1-Port PSE PoE Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69201 Datasheet(HTML) 1 Page - Microchip Technology

  PD69201 Datasheet HTML 1Page - Microchip Technology PD69201 Datasheet HTML 2Page - Microchip Technology PD69201 Datasheet HTML 3Page - Microchip Technology PD69201 Datasheet HTML 4Page - Microchip Technology PD69201 Datasheet HTML 5Page - Microchip Technology PD69201 Datasheet HTML 6Page - Microchip Technology PD69201 Datasheet HTML 7Page - Microchip Technology PD69201 Datasheet HTML 8Page - Microchip Technology PD69201 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
PD69201
1-Port PSE PoE Manager
Introduction
Microchip’s PD69201 device is an IEEE
® 802.3af and IEEE 802.3at compliant single-port Power over Ethernet (PoE)
Manager, used in Ethernet switches to allow network devices to share power and data over the same cable. With
minimal external components, the PD69201 supports both IEEE 802.3af/at and Legacy Powered Devices (PDs).
Integrating power, analog, and state-of-the-art logic, the PD69201 is available in a 10-pin, 3 mm × 4 mm DFN
package.
Features
• Fully IEEE 802.3af and at compliant
• Includes two-event classification
• Supports pre-standard PD detection
• Single DC voltage input (32 V–57 V)
• Wide temperature range: –40 °C to 85 °C
• Low thermal dissipation (internal 100 mΩ sense
resistor)
• I2C communication
• Continuous port and system data monitoring
• Power soft-start mechanism
• On-chip thermal protection
• Voltage monitoring and protection
• Internal power-on reset
• RoHS compliant
• MSL1
Application Block Diagrams
The PD69201 may be used in either an unmanaged standalone or a managed configuration.
Figure 1. Unmanaged Application
Figure 2. Managed Application
1 IREF
240 KΩ
4.7
µF
2 Disable_Port
3 Reserved
4 MODE/SDA
5 Power_set/SCL
VPORT_NEG 10
VMAIN 9
LED 8
DRV_VAUX5 7
VAUX5 6
GND
(Thermal Pad)
100
nF
Power
Supply
+
–
100
nF
68.1
kΩ
100
nF
VAUX5
VAUX5
To Host
To Host
To Host
10 KΩ
10
KΩ
10
KΩ
PD69201
PoE Manager
PoE Out
10 MΩ
4.7µF
69.1
Ω
1 IREF
240 KΩ
4.7
µF
2 Disable_Port
3 Reserved
4 MODE/SDA
5 Power_set/SCL
VPORT_NEG 10
VMAIN 9
LED 8
DRV_VAUX5 7
VAUX5 6
GND
(Thermal Pad)
100
nF
Power
Supply
+
–
100
nF
68.1
kΩ
100
nF
VAUX5
VAUX5
To Host
To Host
To Host
10 KΩ
10
KΩ
10
KΩ
PD69201
PoE Manager
PoE Out
10 MΩ
4.7µF
69.1
Ω
© 2021 Microchip Technology Inc.
Datasheet
DS00003454D-page 1


Similar Part No. - PD69201

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD69200 MICROCHIP-PD69200 Datasheet
384Kb / 20P
PoE PSE Controller
A March 2020
PD69200C-018818 MICROCHIP-PD69200C-018818 Datasheet
384Kb / 20P
PoE PSE Controller
A March 2020
PD69204T4 MICROCHIP-PD69204T4 Datasheet
1Mb / 35P
PoE PSE Manager
2020
PD69204T4ILQ-TR-LE MICROCHIP-PD69204T4ILQ-TR-LE Datasheet
1Mb / 35P
PoE PSE Manager
2020
PD69208M MICROCHIP-PD69208M Datasheet
1Mb / 35P
PoE PSE Manager
2020
More results

Similar Description - PD69201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD64004A ETC2-PD64004A Datasheet
156Kb / 1P
4-port PoE PSE Manager
logo
Microsemi Corporation
PD64012G MICROSEMI-PD64012G Datasheet
55Kb / 1P
12-PORT PoE PSE MANAGER
PD64004AH MICROSEMI-PD64004AH Datasheet
51Kb / 1P
4-PORT HPoE PSE MANAGER
PD64012GH MICROSEMI-PD64012GH Datasheet
55Kb / 1P
12-PORT HPoE PSE MANAGER
PD64001 MICROSEMI-PD64001 Datasheet
510Kb / 9P
1-Port PoE Manager
PD64001H MICROSEMI-PD64001H Datasheet
384Kb / 14P
1-Port PoE Manager
PD69108 MICROSEMI-PD69108 Datasheet
898Kb / 17P
8 PORTS PSE POE MANAGER
logo
Microchip Technology
PD39208 MICROCHIP-PD39208 Datasheet
1Mb / 34P
PoE PSE Manager
2020
PD69208T4 MICROCHIP-PD69208T4 Datasheet
1Mb / 35P
PoE PSE Manager
2020
PD69101 MICROCHIP-PD69101 Datasheet
989Kb / 30P
1-Port PSE PoE Controller Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com