Electronic Components Datasheet Search
  English  ▼

X  

ADS9-V2EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADS9-V2EBZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADS9-V2EBZ Datasheet(HTML) 4 Page - Analog Devices

  ADS9-V2EBZ Datasheet HTML 1Page - Analog Devices ADS9-V2EBZ Datasheet HTML 2Page - Analog Devices ADS9-V2EBZ Datasheet HTML 3Page - Analog Devices ADS9-V2EBZ Datasheet HTML 4Page - Analog Devices ADS9-V2EBZ Datasheet HTML 5Page - Analog Devices ADS9-V2EBZ Datasheet HTML 6Page - Analog Devices ADS9-V2EBZ Datasheet HTML 7Page - Analog Devices ADS9-V2EBZ Datasheet HTML 8Page - Analog Devices ADS9-V2EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 133 page
background image
ADRV9029
Data Sheet
Rev. 0 | Page 4 of 133
SPECIFICATIONS
Electrical characteristics at ambient temperature range. Power supplies are as follows: VDDA_1P8 = 1.8 V, VIF = 1.8 V, VDDA_1P3 =
1.3 V, VDDA_1P0 = 1.0 V, and VDIG_1P0 = 1.0 V. VDDA_1P8 represents VCONV1_1P8, VCONV2_1P8, VANA1_1P8, VANA2_1P8,
VANA3_1P8, VANA4_1P8, and VJVCO_1P8. VDDA_1P3 represents VANA1_1P3, VANA2_1P3, VCONV1_1P3, VCONV2_1P3,
VRFVCO1_1P3, VRFVCO2_1P3, VAUXVCO_1P3, VCLKVCO_1P3, VRFSYN1_1P3, VRFSYN2_1P3, VCLKSYN_1P3,
VAUXSYN_1P3, VRXLO_1P3, and VTXLO_1P3. VDDA_1P0 represents VJSYN_1P0, VDES_1P0, VTT_DES, and VSER_1P0. All RF
specifications are based on measurements that include printed circuit board (PCB) and matching circuit losses, unless otherwise noted.
Device configuration profile: Receiver = 200 MHz bandwidth, I/Q rate = 245.76 MHz, transmitter = 200 MHz large signal bandwidth
plus 450 MHz synthesis bandwidth, I/Q rate = 491.52 MHz, observation receiver (ORX) = 450 MHz bandwidth, I/Q rate = 491.52 MHz,
device clock = 245.76 MHz, unless otherwise noted. Characterization at 75 MHz followed this profile: Receiver = 62.5 MHz bandwidth,
I/Q rate = 76.8 MHz, transmitter = 62.5 MHz large signal bandwidth plus 141 MHz synthesis bandwidth, I/Q rate = 153.6 MHz,
observation receiver = 141 MHz bandwidth, I/Q rate = 153.6 MHz, device clock = 153.6 MHz.
Note: if signals are placed outside of the primary bandwidth, degradation in linearity, image rejection, and flatness may be observed.
TRANSMITTERS AND RECEIVERS
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
TRANSMITTERS
Tx
Center Frequency
75
6000
MHz
Tx Synthesis Bandwidth
450
MHz
Tx Large Signal Bandwidth
200
MHz
Zero intermediate frequency (IF) mode
Peak-to-Peak Gain Deviation
1.0
dB
450 MHz bandwidth, includes compensation by
programmable finite impulse response (FIR) filter
0.1
dB
Any 20 MHz bandwidth span, includes
compensation by programmable FIR filter (pFIR)
Deviation from Linear Phase
1
Degrees
450 MHz bandwidth
Maximum Output Power
0 dBFS, 1 MHz signal input, 50 Ω load, 0 dB
transmitter attenuation
75 MHz
7.0
dBm
800 MHz
6.7
dBm
1800 MHz
6.6
dBm
2600 MHz
6.3
dBm
3800 MHz
6.4
dBm
4800 MHz
6.1
dBm
5700 MHz
6.4
dBm
Power Control Range
32
dB
Power Control Resolution
0.05
dB
Attenuation Accuracy
Integral Nonlinearity (Gain)
INL
0.1
dB
Valid over full power control range for any 4 dB
step
Differential Nonlinearity (Gain)
DNL
±0.04
dB
Monotonic
Output Power Temperature
Slope
−4.5
mdB/°C
Valid over full power control range
LO Delay Temperature Slope
1.05
ps/°C
Valid over full power control range
Adjacent Channel Leakage Power
Ratio (ACLR) Long Term
Evolution (LTE)
20 MHz LTE at −12 dBFS
75 MHz
−64
dB
800 MHz
−68
dB
1800 MHz
−67
dB
2600 MHz
−66
dB
3800 MHz
−65
dB
4800 MHz
−65
dB
5700 MHz
−65
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com