Electronic Components Datasheet Search
  English  ▼

X  

ADS9-V2EBZ Datasheet(PDF) 60 Page - Analog Devices

Part # ADS9-V2EBZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADS9-V2EBZ Datasheet(HTML) 60 Page - Analog Devices

Back Button ADS9-V2EBZ Datasheet HTML 56Page - Analog Devices ADS9-V2EBZ Datasheet HTML 57Page - Analog Devices ADS9-V2EBZ Datasheet HTML 58Page - Analog Devices ADS9-V2EBZ Datasheet HTML 59Page - Analog Devices ADS9-V2EBZ Datasheet HTML 60Page - Analog Devices ADS9-V2EBZ Datasheet HTML 61Page - Analog Devices ADS9-V2EBZ Datasheet HTML 62Page - Analog Devices ADS9-V2EBZ Datasheet HTML 63Page - Analog Devices ADS9-V2EBZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 133 page
background image
ADRV9029
Data Sheet
Rev. 0 | Page 60 of 133
35
10
10
40
TWO-TONE FREQUENCY SPACING (MHz)
15
20
25
30
15
20
25
30
35
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
–40°C, Rx4
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+25°C, Rx4
+110°C, Rx1
+110°C, Rx2
+110°C, Rx3
+110°C, Rx4
Figure 211. Receiver IIP3, 2f1 + f2 vs. Two-Tone Frequency Spacing,
Both Tones at −11 dBFS, f2 = 2 MHz
35
10
10
90
TWO-TONE FREQUENCY SPACING (MHz)
15
20
25
30
20
30
40
50
60
70
80
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
–40°C, Rx4
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+25°C, Rx4
+110°C, Rx1
+110°C, Rx2
+110°C, Rx3
+110°C, Rx4
Figure 212. Receiver IIP3, 2f2 + f1 vs. Two-Tone Frequency Spacing,
Both Tones at −11 dBFS, f2 = 2 MHz
35
10
15
20
25
30
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+110°C, Rx1
+110°C, Rx2
+110°C, Rx3
10
40
TWO-TONE FREQUENCY SPACING (MHz)
15
20
25
30
35
Figure 213. Receiver IIP3, 2f1 − f2 vs. Two-Tone Frequency Spacing,
Both Tones at −11 dBFS, f2 = 2 MHz
TWO-TONE FREQUENCY SPACING (MHz)
20
30
40
50
60
70
80
35
10
15
20
25
30
10
90
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
–40°C, Rx4
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+25°C, Rx4
+110°C, Rx1
+110°C, RX2
+110°C, Rx3
+110°C, Rx4
Figure 214. Receiver IIP3, 2f2 − f1 vs. Two-Tone Frequency Spacing,
Both Tones at −11 dBFS, f2 = 2 MHz
–20
–50
–60
0
RECEIVER INPUT POWER (dBm)
–47
–44
–41
–38
–35
–32
–29
–26
–23
–55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
–40°C, Rx4
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+25°C, Rx4
+110°C, Rx1
+110°C, RX2
+110°C, Rx3
+110°C, Rx4
Figure 215. Receiver Error Vector Magnitude vs. Receiver Input Power,
20 MHz LTE Signal Centered at LO Frequency, Sample Rate = 245.76 MSPS, Loop
Filter Bandwidth = 500 kHz, Loop Filter Phase Margin = 60°
–80
–170
100
10k
1k
100k
1M
10M
FREQUENCY OFFSET (Hz)
–160
–150
–140
–130
–120
–110
–100
–90
Figure 216. LO Phase Noise vs. Frequency Offset, Loop Bandwidth = 50 kHz,
Phase Margin = 85°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com