Electronic Components Datasheet Search
  English  ▼

X  

ADS9-V2EBZ Datasheet(PDF) 96 Page - Analog Devices

Part # ADS9-V2EBZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADS9-V2EBZ Datasheet(HTML) 96 Page - Analog Devices

Back Button ADS9-V2EBZ Datasheet HTML 92Page - Analog Devices ADS9-V2EBZ Datasheet HTML 93Page - Analog Devices ADS9-V2EBZ Datasheet HTML 94Page - Analog Devices ADS9-V2EBZ Datasheet HTML 95Page - Analog Devices ADS9-V2EBZ Datasheet HTML 96Page - Analog Devices ADS9-V2EBZ Datasheet HTML 97Page - Analog Devices ADS9-V2EBZ Datasheet HTML 98Page - Analog Devices ADS9-V2EBZ Datasheet HTML 99Page - Analog Devices ADS9-V2EBZ Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 133 page
background image
ADRV9029
Data Sheet
Rev. 0 | Page 96 of 133
TWO-TONE FREQUENCY SPACING (MHz)
10
220
130
160
190
100
40
70
40
30
0
10
20
+110°C, ORx1
+110°C, ORx2
+110°C, ORx3
+110°C, ORx4
+25°C, ORx1
+25°C, ORx2
+25°C, ORx3
+25°C, ORx4
–40°C, ORx1
–40°C, ORx2
–40°C, ORx3
–40°C, ORx4
Figure 421. Observation Receiver IIP3, 2f2 − f1 vs. Two-Tone Frequency
Spacing, Both Tones at −13 dBFS, f2 = 2 MHz
OBSERVATION RECEIVER ATTENUATION (dB)
60
0
30
50
10
20
40
030
25
20
15
10
5
+110°C, ORx1
+110°C, ORx2
+110°C, ORx3
+110°C, ORx4
+25°C, ORx1
+25°C, ORx2
+25°C, ORx3
+25°C, ORx4
–40°C, ORx1
–40°C, ORx2
–40°C, ORx3
–40°C, ORx4
Figure 422. Observation Receiver IIP3, 2f2 + f1 vs. Observation Receiver
Attenuation, Both Tones at −13 dBFS, f1 = 122 MHz, f2 = 2 MHz
OBSERVATION RECEIVER ATTENUATION (dB)
60
0
30
50
10
20
40
030
25
20
15
10
5
+110°C, ORx1
+110°C, ORx2
+110°C, ORx3
+110°C, ORx4
+25°C, ORx1
+25°C, ORx2
+25°C, ORx3
+25°C, ORx4
–40°C, ORx1
–40°C, ORx2
–40°C, ORx3
–40°C, ORx4
Figure 423. Observation Receiver IIP3, 2f2 − f1 vs. Observation Receiver
Attenuation, Both Tones at −13 dBFS, f1 = 122 MHz, f2 = 2 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com