Electronic Components Datasheet Search
  English  ▼

X  

ADS9-V2EBZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADS9-V2EBZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADS9-V2EBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADS9-V2EBZ Datasheet HTML 10Page - Analog Devices ADS9-V2EBZ Datasheet HTML 11Page - Analog Devices ADS9-V2EBZ Datasheet HTML 12Page - Analog Devices ADS9-V2EBZ Datasheet HTML 13Page - Analog Devices ADS9-V2EBZ Datasheet HTML 14Page - Analog Devices ADS9-V2EBZ Datasheet HTML 15Page - Analog Devices ADS9-V2EBZ Datasheet HTML 16Page - Analog Devices ADS9-V2EBZ Datasheet HTML 17Page - Analog Devices ADS9-V2EBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 133 page
background image
ADRV9029
Data Sheet
Rev. 0 | Page 14 of 133
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Spot Phase Noise
PLL bandwidth optimized to minimize
phase noise at offsets >200 kHz
100 kHz Offset
−91
dBc/Hz
1 MHz Offset
−120
dBc/Hz
10 MHz Offset
−143
dBc/Hz
REFERENCE CLOCK
(DEV_CLK± INPUT SIGNAL)
DEV_CLK+,
DEV_CLK−
Frequency Range
15
1000
MHz
Signal Level (Differential)
0.2
1.0
V p-p
AC-coupled, common-mode voltage
internally supplied; for optimal spurious
performance and to meet the specified PLL
performance parameters, use a 1 V p-p input
clock
SYSTEM REFERENCE INPUTS
SYSREF+,
SYSREF−
Logic Compliance
LVDS/LVPECL
Differential Input Voltage
400
800
1800
mV p-p
External 100 Ω differential termination
Input Common-Mode
Voltage
0.675
2.0
V
Input Resistance (Differential)
18
kΩ
Input Capacitance
(Differential)
1
pF
AUXILIARY CONVERTERS
ADC
Resolution
10
Bits
Input Voltage
Minimum
0.05
V
Maximum
0.95
V
AUXDAC_0
Resolution
12
Bits
Output Voltage
Minimum
0.2
V
Maximum
VDDA_1P8 − 0.25
V
AUXDAC_1 To AUXDAC_7
Resolution
12
Bits
Output Voltage
Minimum
0.1
V
Maximum
VDDA_1P8 − 0.1
V
Drive Capability
10
mA
DIGITAL SPECIFICATIONS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIGITAL SPECIFICATIONS—
SINGLE-ENDED SIGNALS
Applies to the following pins:
GPIO_x, GPINTx, TXx_EN,
RXx_EN, ORX_CTRL_x, TEST_EN,
RESET, SPI_EN, SPI_CLK, SPI_DO,
and SPI_DIO
Logic Inputs
Input Voltage
High Level
VIF × 0.65
VIF + 0.18
V
Low Level
−0.30
VIF × 0.35
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com