Electronic Components Datasheet Search
  English  ▼

X  

ADS9-V2EBZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADS9-V2EBZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADS9-V2EBZ Datasheet(HTML) 5 Page - Analog Devices

  ADS9-V2EBZ Datasheet HTML 1Page - Analog Devices ADS9-V2EBZ Datasheet HTML 2Page - Analog Devices ADS9-V2EBZ Datasheet HTML 3Page - Analog Devices ADS9-V2EBZ Datasheet HTML 4Page - Analog Devices ADS9-V2EBZ Datasheet HTML 5Page - Analog Devices ADS9-V2EBZ Datasheet HTML 6Page - Analog Devices ADS9-V2EBZ Datasheet HTML 7Page - Analog Devices ADS9-V2EBZ Datasheet HTML 8Page - Analog Devices ADS9-V2EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 133 page
background image
Data Sheet
ADRV9029
Rev. 0 | Page 5 of 133
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
In Band Noise Floor
−154.5
dBFS/Hz
0 dB attenuation; in band noise falls 1 dB for
each decibel of attenuation for attenuation
settings between 0 dB and 20 dB
Interpolation Images
−76
dBc
Tx to Tx Isolation: All Tx Output
Effects on All Other Tx Outputs
800 MHz
78
dB
1800MHz
77
dB
2600 MHz
77
dB
3800 MHz
71
dB
4800 MHz
70
dB
5700 MHz
65
dB
Image Rejection
Within 200 MHz Large Signal
Bandwidth
QEC active up to 20 dB of attenuation,
continuous wave tone swept across the large
signal bandwidth
75 MHz
80
dB
800 MHz
76
dB
1800 MHz
75
dB
2600 MHz
73
dB
3800 MHz
65
dB
4800 MHz
64
dB
5700 MHz
61
dB
Beyond Large Signal
Bandwidth
Assumes that distortion power density is 25 dB
below desired power density
800 MHz
40
dB
1800 MHz
38
dB
2600 MHz
34
dB
3800 MHz
37
dB
4800 MHz
37
dB
5700 MHz
37
dB
Output Impedance
ZOUT
50
Ω
Differential—nominal
Maximum Output Load Voltage
Standing Wave Ratio
VSWR
3
Maximum value to ensure adequate calibration
Output Return Loss
10
dB
Output Third-Order Intercept
Point
OIP3
0 dB transmitter attenuation
75 MHz
30
dBm
800 MHz
29
dBm
1800 MHz
29
dBm
2600 MHz
28
dBm
3800 MHz
26.5
dBm
4800 MHz
29
dBm
5700 MHz
27
dBm
Carrier Leakage
With LO leakage correction active, 0 dB
transmitter attenuation, scales decibel for
decibel with attenuation
Carrier Offset from LO
75 MHz LO
−84
dBFS/MHz
800 MHz LO
−84
dBFS/MHz
1800 MHz LO
−84
dBFS/MHz
2600 MHz LO
−83
dBFS/MHz
3800 MHz LO
−84
dBFS/MHz
4800 MHz LO
−84
dBFS/MHz
5700 MHz LO
−83
dBFS/MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com