Electronic Components Datasheet Search
  English  ▼

X  

ADS9-V2EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADS9-V2EBZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADS9-V2EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADS9-V2EBZ Datasheet HTML 9Page - Analog Devices ADS9-V2EBZ Datasheet HTML 10Page - Analog Devices ADS9-V2EBZ Datasheet HTML 11Page - Analog Devices ADS9-V2EBZ Datasheet HTML 12Page - Analog Devices ADS9-V2EBZ Datasheet HTML 13Page - Analog Devices ADS9-V2EBZ Datasheet HTML 14Page - Analog Devices ADS9-V2EBZ Datasheet HTML 15Page - Analog Devices ADS9-V2EBZ Datasheet HTML 16Page - Analog Devices ADS9-V2EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 133 page
background image
Data Sheet
ADRV9029
Rev. 0 | Page 13 of 133
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
AUXILIARY SYNTHESIZER
LO3
Frequency Step
1.8
Hz
1.625 GHz to 3.25 GHz, 61.44 MHz PFD
frequency
Spectral Purity
−65
dBc
|fRFLO − fAUXLO| > 15 MHz
Integrated Phase Noise
Integrated from 1 kHz to 100 MHz, PLL
bandwidth optimized for integrated phase
noise
800 MHz LO3
0.18
°rms
1800 MHz LO3
0.22
°rms
2600 MHz LO3
0.46
°rms
3800 MHz LO3
0.43
°rms
4800 MHz LO3
0.70
°rms
5700 MHz LO3
1.12
°rms
Spot Phase Noise
800 MHz LO3
100 kHz Offset
−112
dBc/Hz
1 MHz Offset
−121
dBc/Hz
10 MHz Offset
−141
dBc/Hz
1800 MHz LO3
100 kHz Offset
−110
dBc/Hz
1 MHz Offset
−120
dBc/Hz
10 MHz Offset
−134
dBc/Hz
2600 MHz LO3
100 kHz Offset
−103
dBc/Hz
1 MHz Offset
−114
dBc/Hz
10 MHz Offset
−132
dBc/Hz
3800 MHz LO3
100 kHz Offset
−104
dBc/Hz
1 MHz Offset
−114
dBc/Hz
10 MHz Offset
−128
dBc/Hz
4800 MHz LO3
100 kHz Offset
−100
dBc/Hz
1 MHz Offset
−110
dBc/Hz
10 MHz Offset
−127
dBc/Hz
5700 MHz LO3
100 kHz Offset
−95
dBc/Hz
1 MHz Offset
−106
dBc/Hz
10 MHz Offset
−126
dBc/Hz
LO PHASE SYNCHRONIZATION
Initial Phase Sync Accuracy
0.9
ps
CLOCK SYNTHESIZER
4915.2 MHz Sample Clock
Integrated Phase Noise
0.69
°rms
1 kHz to 10 MHz, PLL bandwidth optimized
for integrated phase noise
Spot Phase Noise
PLL bandwidth optimized for integrated
phase noise
100 kHz Offset
−96
dBc/Hz
1 MHz Offset
−113
dBc/Hz
10 MHz Offset
−140
dBc/Hz
3932.16 MHz Sample Clock
Integrated Phase Noise
0.89
°rms
1 kHz to 10 MHz, PLL bandwidth optimized to
minimize phase noise at offsets >200 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com