Electronic Components Datasheet Search
  English  ▼

X  

ADS9-V2EBZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADS9-V2EBZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADS9-V2EBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADS9-V2EBZ Datasheet HTML 35Page - Analog Devices ADS9-V2EBZ Datasheet HTML 36Page - Analog Devices ADS9-V2EBZ Datasheet HTML 37Page - Analog Devices ADS9-V2EBZ Datasheet HTML 38Page - Analog Devices ADS9-V2EBZ Datasheet HTML 39Page - Analog Devices ADS9-V2EBZ Datasheet HTML 40Page - Analog Devices ADS9-V2EBZ Datasheet HTML 41Page - Analog Devices ADS9-V2EBZ Datasheet HTML 42Page - Analog Devices ADS9-V2EBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 133 page
background image
Data Sheet
ADRV9029
Rev. 0 | Page 39 of 133
45
–5
–10
032
TRANSMITTER ATTENUATION (dB)
0
5
10
15
20
25
30
35
40
4
8
12
16
20
24
28
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
Figure 88. Transmitter OIP3, 2f2 − f1 vs. Transmitter Attenuation, 15 dB
Digital Back Off per Tone, f1 = 50.5 MHz, f2 = 55.5 MHz
50
0
10
190
f1 BASEBAND OFFSET TONE FREQUENCY (MHz)
5
10
15
20
25
30
35
40
45
30
50
70
90
110
130
150
170
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
Figure 89. Transmitter OIP3, 2f1 − f2 vs. f1 Baseband Offset Tone Frequency,
f2 = f1 + 5 MHz, 15 dB Digital Back Off per Tone
50
0
10
190
f1 BASEBAND OFFSET TONE FREQUENCY (MHz)
5
10
15
20
25
30
35
40
45
30
50
70
90
110
130
150
170
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
Figure 90. Transmitter OIP3, 2f2 − f1 vs. f1 Baseband Offset Tone Frequency,
f2 = f1 + 5 MHz, 15 dB Digital Back Off per Tone
50
0
10
190
f1 BASEBAND OFFSET TONE FREQUENCY (MHz)
5
10
15
20
25
30
35
40
45
30
50
70
90
110
130
150
170
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
Figure 91. Transmitter OIP3, 2f1 + f2 vs. f1 Baseband Offset Tone Frequency,
f2 = f1 + 5 MHz, 15 dB Digital Back Off per Tone
50
0
10
190
f1 BASEBAND OFFSET TONE FREQUENCY (MHz)
5
10
15
20
25
30
35
40
45
30
50
70
90
110
130
150
170
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
Figure 92. Transmitter OIP3, 2f2 + f1 vs. f1 Baseband Offset Tone Frequency,
f2 = f1 + 5 MHz, 15 dB Digital Back Off per Tone
100
60
800
1800
TRANSMITTER LO FREQUENCY(MHz)
65
70
75
80
85
90
95
900 1000 1100 1200 1300 1400 1500 1600 1700
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
Figure 93. Transmitter LO Leakage vs. Transmitter LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com