Electronic Components Datasheet Search
  English  ▼

X  

LT8637 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8637
Description  42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8637 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8637 Datasheet HTML 9Page - Analog Devices LT8637 Datasheet HTML 10Page - Analog Devices LT8637 Datasheet HTML 11Page - Analog Devices LT8637 Datasheet HTML 12Page - Analog Devices LT8637 Datasheet HTML 13Page - Analog Devices LT8637 Datasheet HTML 14Page - Analog Devices LT8637 Datasheet HTML 15Page - Analog Devices LT8637 Datasheet HTML 16Page - Analog Devices LT8637 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LT8636/LT8637
13
Rev. C
For more information www.analog.com
TR/SS (Pin 18): Output Tracking and Soft-Start Pin. This
pin allows user control of output voltage ramp rate dur-
ing start-up. For the LT8636/LT8637, a TR/SS voltage
below 0.97V forces it to regulate the FB pin to equal the
TR/SS pin voltage. When TR/SS is above 0.97V, the
tracking function is disabled and the internal reference
resumes control of the error amplifier. For the LT8637,
a TR/SS voltage below 1.6V forces it to regulate the FB
pin to a function of the TR/SS pin voltage. See plot in
the Typical Performance Characteristics section. When
TR/SS is above 1.6V, the tracking function is disabled
and the internal reference resumes control of the error
amplifier. An internal 1.9µA pull-up current from INTVCC
on this pin allows a capacitor to program output voltage
slew rate. This pin is pulled to ground with an internal
200Ω MOSFET during shutdown and fault conditions; use
a series resistor if driving from a low impedance output.
This pin may be left floating if the tracking function is not
needed.
FB (Pin 19, LT8636 Only): The LT8636/LT8637 regu-
lates the FB pin to 0.970V. Connect the feedback resistor
divider tap to this pin. Also, connect a phase lead capaci-
tor between FB and VOUT. Typically, this capacitor is 4.7pF
to 22pF.
VC (Pin 19, LT8637 Only): The VC pin is the output of the
internal error amplifier. The voltage on this pin controls
the peak switch current. Tie an RC network from this pin
to ground to compensate the control loop.
FB (Pin 20): The LT8636/LT8637 regulates the FB pin to
0.970V. Connect the feedback resistor divider tap to this
pin. Also, connect a phase lead capacitor between FB and
VOUT. Typically, this capacitor is 4.7pF to 22pF.
Corner Pins: These pins are for mechanical support only
and can be tied anywhere on the PCB, typically ground.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com