Electronic Components Datasheet Search
  English  ▼

X  

LT8637 Datasheet(PDF) 29 Page - Analog Devices

Part # LT8637
Description  42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8637 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT8637 Datasheet HTML 24Page - Analog Devices LT8637 Datasheet HTML 25Page - Analog Devices LT8637 Datasheet HTML 26Page - Analog Devices LT8637 Datasheet HTML 27Page - Analog Devices LT8637 Datasheet HTML 28Page - Analog Devices LT8637 Datasheet HTML 29Page - Analog Devices LT8637 Datasheet HTML 30Page - Analog Devices LT8637 Datasheet HTML 31Page - Analog Devices LT8637 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LT8636/LT8637
29
Rev. C
For more information www.analog.com
Figure 14. 2MHz 3.3V, 5A Step-Down Converter with Spread Spectrum
Figure 15. 12V, 5A Step-Down Converter
VIN2
VIN1
EN/UV
LT8636
8636 F15
BST
PINS NOT USED IN THIS CIRCUIT:
CLKOUT, PG, SYNC/MODE
TR/SS
SW
BIAS
INTVCC
FB
RT
GND
0.1µF
4.7pF
47µF
1210
X5R/X7R
10nF
1M
VOUT
12V
5A
1µF
0603
1µF
0603
4.7µF
VIN
12.7V TO 42V
41.2k
1µF
4.7µH
88.7k
GND2
GND1
fSW = 1MHz
L: XEL6060
VIN
VIN
EN/UV
LT8636
LT8637
8636 F14
BST
SYNC/MODE
VC*
SW
BIAS
INTVCC
FB
RT
GND
0.1µF
4.7pF (LT8637)
10pF (LT8636)
100µF
1210
X5R/X7R
220pF
1M
VOUT
3.3V
5A
1µF
0603
1µF
0603
4.7µF
VIN
4V TO 42V
17.8k
1µF
1µH
16.2k
412k
GND
GND
fSW = 2MHz
L: XEL6030
PINS NOT USED IN
THIS CIRCUIT:
CLKOUT, PG, TR/SS
TYPICAL APPLICATIONS
* VC pin and components only apply to LT8637.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com