Electronic Components Datasheet Search
  English  ▼

X  

LT8637 Datasheet(PDF) 2 Page - Analog Devices

Part # LT8637
Description  42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8637 Datasheet(HTML) 2 Page - Analog Devices

  LT8637 Datasheet HTML 1Page - Analog Devices LT8637 Datasheet HTML 2Page - Analog Devices LT8637 Datasheet HTML 3Page - Analog Devices LT8637 Datasheet HTML 4Page - Analog Devices LT8637 Datasheet HTML 5Page - Analog Devices LT8637 Datasheet HTML 6Page - Analog Devices LT8637 Datasheet HTML 7Page - Analog Devices LT8637 Datasheet HTML 8Page - Analog Devices LT8637 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LT8636/LT8637
2
Rev. C
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UV, PG..........................................................42V
BIAS..........................................................................25V
FB, TR/SS . .................................................................4V
SYNC/MODE Voltage . ................................................6V
ORDER INFORMATION
PART NUMBER
PART MARKING*
FINISH CODE
PAD FINISH
PACKAGE
TYPE**
MSL
RATING
TEMPERATURE RANGE
LT8636EV#PBF
8636
e4
Au (RoHS)
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 125°C
LT8636JV#PBF
–40°C to 150°C
LT8636HV#PBF
–40°C to 150°C
LT8636MPV#PBF
–55°C to 150°C
LT8637EV#PBF
8637
–40°C to 125°C
LT8637JV#PBF
–40°C to 150°C
(Note 1)
Operating Junction Temperature Range (Note 2)
LT8636E/LT8637E ............................. –40°C to 125°C
LT8636J/LT8637J.............................. –40°C to 150°C
LT8636H............................................ –40°C to 150°C
LT8636MP ......................................... –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Reflow (Package Body) Temperature.....260°C
LT8636
LT8637
17
18
19
20
7
8
9
10
TOP VIEW
LQFN PACKAGE
20-LEAD (4mm
× 3mm × 0.94mm)
JEDEC BOARD:
θJA = 41°C/W, θJC(top) = 50.6°C/W,
θJC(pad) = 8.0°C/W, (NOTE 3)
DEMO BOARD:
θJA = 26°C/W, ΨJT = 0.8°C/W
EXPOSED PAD (PIN 21) IS GND, SHOULD BE SOLDERED TO PCB
PG
BIAS
INTVCC
GND
NC
VIN
CLKOUT
SYNC/MODE
EN/UV
GND
NC
VIN
16
15
14
13
12
11
1
2
3
4
5
6
21
GND
17
18
19
20
7
8
9
10
TOP VIEW
LQFN PACKAGE
20-LEAD (4mm
× 3mm × 0.94mm)
PG
BIAS
INTVCC
GND
NC
VIN
CLKOUT
SYNC/MODE
EN/UV
GND
NC
VIN
16
15
14
13
12
11
1
2
3
4
5
6
21
GND
JEDEC BOARD:
θJA = 41°C/W, θJC(top) = 50.6°C/W,
θJC(pad) = 8.0°C/W, (NOTE 3)
DEMO BOARD:
θJA = 26°C/W, ΨJT = 0.8°C/W
EXPOSED PAD (PIN 21) IS GND, SHOULD BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com