Electronic Components Datasheet Search
  English  ▼

X  

LT8637 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8637
Description  42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8637 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8637 Datasheet HTML 13Page - Analog Devices LT8637 Datasheet HTML 14Page - Analog Devices LT8637 Datasheet HTML 15Page - Analog Devices LT8637 Datasheet HTML 16Page - Analog Devices LT8637 Datasheet HTML 17Page - Analog Devices LT8637 Datasheet HTML 18Page - Analog Devices LT8637 Datasheet HTML 19Page - Analog Devices LT8637 Datasheet HTML 20Page - Analog Devices LT8637 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LT8636/LT8637
17
Rev. C
For more information www.analog.com
While in Burst Mode operation the current limit of the top
switch is approximately 900mA (as shown in Figure 3),
resulting in low output voltage ripple. Increasing the out-
put capacitance will decrease output ripple proportion-
ally. As load ramps upward from zero the switching fre-
quency will increase but only up to the switching frequency
programmed by the resistor at the RT pin as shown in
Figure 2.
The exposed pads on the bottom of the package should be
soldered to the PCB to reduce thermal resistance to ambi-
ent. To keep thermal resistance low, extend the ground
plane from GND as much as possible, and add thermal
vias to additional ground planes within the circuit board
and on the bottom side.
Burst Mode Operation
To enhance efficiency at light loads, the LT8636/LT8637
operates in low ripple Burst Mode operation, which keeps
the output capacitor charged to the desired output voltage
while minimizing the input quiescent current and minimiz-
ing output voltage ripple. In Burst Mode operation the
LT8636/LT8637 delivers single small pulses of current to
the output capacitor followed by sleep periods where the
output power is supplied by the output capacitor. While in
sleep mode the LT8636 consumes 1.7µA, and the LT8637
consumes 230µA.
As the output load decreases, the frequency of single cur-
rent pulses decreases (see Figure 2) and the percentage
of time the LT8636/LT8637 is in sleep mode increases,
resulting in much higher light load efficiency than for typi-
cal converters. By maximizing the time between pulses,
the LT8636/LT8637’s quiescent current approaches
2.5µA for a typical application when there is no output
load. Therefore, to optimize the quiescent current perfor-
mance at light loads, the current in the feedback resistor
divider must be minimized as it appears to the output as
load current.
In order to achieve higher light load efficiency, more
energy must be delivered to the output during the sin-
gle small pulses in Burst Mode operation such that the
LT8636/LT8637 can stay in sleep mode longer between
each pulse. This can be achieved by using a larger
value inductor (i.e., 4.7µH), and should be considered
independent of switching frequency when choosing
an inductor. For example, while a lower inductor value
would typically be used for a high switching frequency
application, if high light load efficiency is desired, a
higher inductor value should be chosen. See curve in
Typical Performance Characteristics.
Figure 2. SW Frequency vs Load Information
in Burst Mode Operation
Figure 3. Burst Mode Operation
FRONT PAGE APPLICATION
VIN = 12V
VOUT = 5V
LOAD CURRENT (mA)
0
100
200
300
400
500
600
0
200
400
600
800
1000
1200
8636 F02
APPLICATIONS INFORMATION
FRONT PAGE APPLICATION
12VIN TO 5VOUT AT 10mA
VSYNC = 0V
5µs/DIV
VSW
5V/DIV
IL
500mA/DIV
8636 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com