Electronic Components Datasheet Search
  English  ▼

X  

LT8637 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8637
Description  42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8637 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8637 Datasheet HTML 16Page - Analog Devices LT8637 Datasheet HTML 17Page - Analog Devices LT8637 Datasheet HTML 18Page - Analog Devices LT8637 Datasheet HTML 19Page - Analog Devices LT8637 Datasheet HTML 20Page - Analog Devices LT8637 Datasheet HTML 21Page - Analog Devices LT8637 Datasheet HTML 22Page - Analog Devices LT8637 Datasheet HTML 23Page - Analog Devices LT8637 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LT8636/LT8637
20
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
Operating Frequency Selection and Trade-Offs
Selection of the operating frequency is a trade-off between
efficiency, component size, and input voltage range. The
advantage of high frequency operation is that smaller
inductor and capacitor values may be used. The disadvan-
tages are lower efficiency and a smaller input voltage range.
The highest switching frequency (fSW(MAX)) for a given
application can be calculated as follows:
fSW(MAX)=
VOUT + VSW(BOT)
tON(MIN) VIN – VSW(TOP) + VSW(BOT)
(
)
(4)
where VIN is the typical input voltage, VOUT is the output
voltage, VSW(TOP) and VSW(BOT) are the internal switch
drops (~0.4V, ~0.15V, respectively at maximum load)
and tON(MIN) is the minimum top switch on-time (see the
Electrical Characteristics). This equation shows that a
slower switching frequency is necessary to accommodate
a high VIN/VOUT ratio.
For transient operation, VIN may go as high as the abso-
lute maximum rating of 42V regardless of the RT value,
however the LT8636/LT8637 will reduce switching fre-
quency as necessary to maintain control of inductor cur-
rent to assure safe operation.
The LT8636/LT8637 is capable of a maximum duty cycle
of approximately 99%, and the VIN-to-VOUT dropout is
limited by the RDS(ON) of the top switch. In this mode the
LT8636/LT8637 skips switch cycles, resulting in a lower
switching frequency than programmed by RT.
For applications that cannot allow deviation from the pro-
grammed switching frequency at low VIN/VOUT ratios use
the following formula to set switching frequency:
VIN(MIN) =
VOUT + VSW(BOT)
1– fSW • tOFF(MIN)
– VSW(BOT) + VSW(TOP) (5)
where VIN(MIN) is the minimum input voltage without
skipped cycles, VOUT is the output voltage, VSW(TOP) and
VSW(BOT) are the internal switch drops (~0.4V, ~0.15V,
respectively at maximum load), fSW is the switching
frequency (set by RT), and tOFF(MIN) is the minimum
switch off-time. Note that higher switching frequency will
increase the minimum input voltage below which cycles
will be dropped to achieve higher duty cycle.
Inductor Selection and Maximum Output Current
The LT8636/LT8637 is designed to minimize solution size
by allowing the inductor to be chosen based on the output
load requirements of the application. During overload or
short-circuit conditions the LT8636/LT8637 safely toler-
ates operation with a saturated inductor through the use
of a high speed peak-current mode architecture.
A good first choice for the inductor value is:
L =
VOUT + VSW(BOT)
fSW
⎛
⎝
⎜
⎞
⎠
⎟ • 0.7
(6)
where fSW is the switching frequency in MHz, VOUT is
the output voltage, VSW(BOT) is the bottom switch drop
(~0.15V) and L is the inductor value in µH.
To avoid overheating and poor efficiency, an inductor must
be chosen with an RMS current rating that is greater than
the maximum expected output load of the application.
In addition, the saturation current (typically labeled ISAT)
rating of the inductor must be higher than the load current
plus 1/2 of in inductor ripple current:
IL(PEAK) =ILOAD(MAX) +
1
2
ΔIL
(7)
where
∆IL is the inductor ripple current as calculated in
Equation 9 and ILOAD(MAX) is the maximum output load
for a given application.
As a quick example, an application requiring 3A output
should use an inductor with an RMS rating of greater than
3A and an ISAT of greater than 4A. During long duration
overload or short-circuit conditions, the inductor RMS
rating requirement is greater to avoid overheating of the
inductor. To keep the efficiency high, the series resistance
(DCR) should be less than 0.02Ω, and the core material
should be intended for high frequency applications.
The LT8636/LT8637 limits the peak switch current in
order to protect the switches and the system from over-
load faults. The top switch current limit (ILIM) is 10A at
low duty cycles and decreases linearly to 7A at DC = 0.8.
The inductor value must then be sufficient to supply the
desired maximum output current (IOUT(MAX)), which is a
function of the switch current limit (ILIM) and the ripple
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com